Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1385 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1385
Description  3.3V Low Power EIA/TIA-562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1385 Datasheet(HTML) 6 Page - Linear Technology

  LTC1385 Datasheet HTML 1Page - Linear Technology LTC1385 Datasheet HTML 2Page - Linear Technology LTC1385 Datasheet HTML 3Page - Linear Technology LTC1385 Datasheet HTML 4Page - Linear Technology LTC1385 Datasheet HTML 5Page - Linear Technology LTC1385 Datasheet HTML 6Page - Linear Technology LTC1385 Datasheet HTML 7Page - Linear Technology LTC1385 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1385
sn1385 1385fas
Driver Timing Test Load
Receiver Timing Test Load
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
1385 F03
RX INPUT
51pF
RX
OUTPUT
1385 F04
RX
ESD Test Circuit
TEST CIRCUITS
1385 F05
0.1
µF
0.1
µF
0.1
µF
0.1
µF
LTC1385
DRIVER DISABLE
2
4
5
6
12
11
13
10
18
14
9
16
1
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
ON/OFF
17
3
7
15
562 OUTPUT
RS562
LINE PINS
PROTECTED
TO
±10kV
VCC
562 OUTPUT
562 INPUT
562 INPUT
5k
S
S
S
5k
S
300k
VCC
300k
VCC
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com