Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1390 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1390
Description  8-Channel Analog Multiplexer with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1390 Datasheet(HTML) 2 Page - Linear Technology

  LTC1390 Datasheet HTML 1Page - Linear Technology LTC1390 Datasheet HTML 2Page - Linear Technology LTC1390 Datasheet HTML 3Page - Linear Technology LTC1390 Datasheet HTML 4Page - Linear Technology LTC1390 Datasheet HTML 5Page - Linear Technology LTC1390 Datasheet HTML 6Page - Linear Technology LTC1390 Datasheet HTML 7Page - Linear Technology LTC1390 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1390
sn1390 1390fs
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
(Note 1)
Total Supply Voltage (V+ to V–) .............................. 15V
Input Voltage
Analog Inputs ........................ V – – 0.3V to V+ + 0.3V
Digital Inputs ........................................ – 0.3V to 15V
Digital Outputs ........................... – 0.3V to V + + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
TJMAX = 150°C, θJA = 70°C/ W (N)
TJMAX = 150°C, θJA = 100°C/ W (S)
ORDER PART
NUMBER
LTC1390CN
LTC1390CS
Consult factory for Industrial and Military grade parts.
ELECTRICAL C
C
HARA TERISTICS
V+ = 5V, V– = – 5V, GND = 0V, TA = operating temperature unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch
VANALOG
Analog Signal Range
(Note 2)
q
–5
5
V
RON
On Resistance
VS = ±3.5V, ID = 1mA
TMIN
75
Ω
25
°C45
75
Ω
TMAX
120
Ω
∆RON vs VS
20
%
∆RON vs Temperature
0.5
%/
°C
IS(OFF)
Off Input Leakage
VS = 4V, VD = – 4V; VS = – 4V, VD = 4V
0.05
±5nA
Channel Off
q
±50
nA
ID(OFF)
Off Output Leakage
VS = 4V, VD = – 4V; VS = – 4V, VD = 4V
0.05
±5nA
Channel Off
q
±50
nA
ID(ON)
On Channel Leakage
VS = VD = ±4V
0.05
±5nA
Channel On
q
±50
nA
Input
VINH
High Level Input Voltage
V+ = 5.25V
q
2.4
V
VINL
Low Level Input Voltage
V+ = 4.75V
q
0.8
V
IINL, IINH
Low or High Level Current
VIN = 5V, VIN = 0V
q
±1
µA
VOH
High Level Output Voltage
V+ = 4.75V, IO = 10µA
4.74
V
V+ = 4.75V, IO = 360µA
q
2.4
4.50
V
VOL
Low Level Output Voltage
V+ = 4.75V, IO = 0.5mA
q
0.16
0.8
V
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V –
DATA 2
DATA 1
CS
CLK
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com