Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1392 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1392
Description  Micropower Temperature, Power Supply and Differential Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1392 Datasheet(HTML) 2 Page - Linear Technology

  LTC1392 Datasheet HTML 1Page - Linear Technology LTC1392 Datasheet HTML 2Page - Linear Technology LTC1392 Datasheet HTML 3Page - Linear Technology LTC1392 Datasheet HTML 4Page - Linear Technology LTC1392 Datasheet HTML 5Page - Linear Technology LTC1392 Datasheet HTML 6Page - Linear Technology LTC1392 Datasheet HTML 7Page - Linear Technology LTC1392 Datasheet HTML 8Page - Linear Technology LTC1392 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1392
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
(Note 1)
Supply Voltage (VCC) ................................................ 7V
Input Voltage ................................. – 0.3V to VCC + 0.3V
Output Voltage ............................... – 0.3V to VCC + 0.3V
Operating Temperature Range
LTC1392C............................................... 0
°C to 70°C
LTC1392I ........................................... – 40
°C to 85°C
Junction Temperature .......................................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
S8 PART MARKING
1392
1392I
Consult factory for Military grade parts.
(Note 2, 3)
ELECTRICAL C
C
HARA TERISTICS
LTC1392CN8
LTC1392CS8
LTC1392IN8
LTC1392IS8
TJMAX = 125°C, θJA = 100°C/ W (N8)
TJMAX = 125°C, θJA = 130°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
DIN
DOUT
CLK
CS
VCC
–VIN
+VIN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply To Digital Conversion
Resolution
VCC = 4.5V to 6V
10
Bit
Total Absolute Error
VCC = 4.5V to 6V
q
±8
LSB
Differential Voltage to Digital
Conversion (Full-Scale Input = 1V)
Resolution
10
Bit
Integral Linearity Error (Note 5)
q
±0.5
±1
LSB
Differential Linearity Error
q
±0.5
±1
LSB
Offset Error
q
±4
LSB
Full-Scale Error
q
±15
LSB
Differential Voltage to Digital
Conversion (Full-Scale Input = 0.5V)
Resolution
10
Bit
Integral Linearity Error (Note 5)
q
±0.5
±2
LSB
Differential Linearity Error
q
±0.5
±1
LSB
Offset Error
q
±8
LSB
Full-Scale Error
q
±25
LSB
Temperature to Digital Conversion
Accuracy
TA = 25°C (Note 7)
±2
°C
TA = TMAX or TMIN (Note 7)
q
±4
°C
Nonlinearity
TMIN ≤ TA ≤ TMAX (Note 4)
±1
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com