Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD3778 Datasheet(PDF) 13 Page - NEC

Part # UPD3778
Description  10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3778 Datasheet(HTML) 13 Page - NEC

Back Button UPD3778 Datasheet HTML 9Page - NEC UPD3778 Datasheet HTML 10Page - NEC UPD3778 Datasheet HTML 11Page - NEC UPD3778 Datasheet HTML 12Page - NEC UPD3778 Datasheet HTML 13Page - NEC UPD3778 Datasheet HTML 14Page - NEC UPD3778 Datasheet HTML 15Page - NEC UPD3778 Datasheet HTML 16Page - NEC UPD3778 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
µPD3778
13
Data Sheet S14374EJ1V0DS00
10. Random noise (CDS):
σCDS
Random noise (CDS)
σCDS is defined as the standard deviation of a valid pixel output signal with 100 times (=
100 lines) data sampling at dark (light shielding). This is measured by the following procedure.
1. One valid photocell in one reading is fixed as measurement point.
2. The output level is measured during the Reset feed-through period which is averaged over 100 ns to get “VDi”.
3. The output level is measured during the Video output time averaged over 100 ns to get “VOi”.
4. The correlated double sampling output is defined by “VCDSi = VDi – VOi”.
5. Repeat the above procedure (1 to 4) for 100 times (= 100 lines).
6. Calculate the standard deviation
σCDS using the following formula.
VOUT
Reset feed-through
Video output
σCDS (mV) =
, V =
Σ
i=1
100
(VCDSi – V)2
Σ
i=1
100
VCDSi
100
100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com