Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3463 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3463
Description  Dual Micropower DC/DC Converters with Schottky Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3463 Datasheet(HTML) 3 Page - Linear Technology

  LT3463 Datasheet HTML 1Page - Linear Technology LT3463 Datasheet HTML 2Page - Linear Technology LT3463 Datasheet HTML 3Page - Linear Technology LT3463 Datasheet HTML 4Page - Linear Technology LT3463 Datasheet HTML 5Page - Linear Technology LT3463 Datasheet HTML 6Page - Linear Technology LT3463 Datasheet HTML 7Page - Linear Technology LT3463 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT3463/LT3463A
3463f
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S
VOUT1 (Pin 1): Output Voltage Switcher 1. This is the
cathode of an internal Schottky diode whose anode is
connected to the SW1 pin.
SW1 (Pin 2): Switch Pin for Switcher 1. This is the
collector of the internal NPN switch. Minimize the metal
trace area connected to this pin to minimize EMI.
VIN (Pin 3): Input Supply Pin. Bypass this pin with a
capacitor as close to the device as possible.
SW2 (Pin 4): Switch Pin for Switcher 2. This is the
collector of the internal NPN switch. Minimize the metal
trace area connected to this pin to minimize EMI.
D2 (Pin 5): Diode for Switcher 2. This is the anode of an
internal Schottky diode whose cathode connected to the
GND pin.
FB2 (Pin 6): Feedback Pin for Switcher 2. Set the output
voltage by selecting values for R3 and R4.
VREF (Pin 7): Voltage Reference Pin (1.25V). This pin is
used along with FB2 to set the negative output voltage for
Switcher 2.
SHDN2 (Pin 8): Shutdown Pin for Switcher 2. Pull this pin
above 1.5V to enable Switcher 2. Pull below 0.3V to turn
it off. Do not leave this pin floating.
VCESAT and VDIODE Voltage
VREF and VFB1 Voltage
VFB2 Voltage
Switch Off Time
Switch Current Limit
Quiescent Current
900
800
700
600
500
400
300
200
100
0
3463 G01
TEMPERATURE (
°C)
–50
100
050
–25
25
75
125
IDIODE = 150mA
ISWITCH = 150mA
FOR BOTH SWITCHERS
1.27
1.26
1.25
1.24
1.23
1.22
3463 G02
TEMPERATURE (
°C)
–50
100
050
–25
25
75
125
VREF
VFB1
10
8
6
4
2
0
3463 G03
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
100
3463 G04
050
400
350
300
250
200
150
100
50
0
–25
25
75
125
TEMPERATURE (
°C)
–50
100
3463 G05
050
450
400
350
300
250
200
150
100
50
0
–25
25
75
125
LT3463 SW1, SW2
LT3463A SW1
LT3463A SW2
TEMPERATURE (
°C)
–50
60
50
40
30
20
10
0
25
75
3463 G06
–25
0
50
100
125
NOT SWITCHING
VFB1 = 1.3V
VFB2 = –0.1V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com