Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1697 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1697
Description  High Efficiency Low Power 1W CCFL Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1697 Datasheet(HTML) 1 Page - Linear Technology

  LTC1697 Datasheet HTML 1Page - Linear Technology LTC1697 Datasheet HTML 2Page - Linear Technology LTC1697 Datasheet HTML 3Page - Linear Technology LTC1697 Datasheet HTML 4Page - Linear Technology LTC1697 Datasheet HTML 5Page - Linear Technology LTC1697 Datasheet HTML 6Page - Linear Technology LTC1697 Datasheet HTML 7Page - Linear Technology LTC1697 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1697
1
1697f
■ PDAs
■ Handheld Computers
■ Portable Instruments
■ Handheld GPS with Map Display
■ Handheld TV/Video Monitor
■ Operates from Single Li-Ion Battery
■
2.8V to 5.5V Input Voltage Range
■ Very Low Shutdown Current: <2µA
■ Synchronous Buck Architecture for High Efficiency
■
PWM Dimming Frequency Adjustable with a Single
Capacitor
■ Accurate Lamp Current Maximizes Lamp Lifetime
■
Fixed Frequency Operation at 300kHz
■ Internal or External PWM Dimming
■ Small 10-Pin MSOP Package
The LTC
®1697 is designed to control a single 1W cold
cathode fluorescent lamp (CCFL). An internal PWM dim-
ming system maximizes efficiency and dimming range.
Accurate lamp currents can be set with a single external
resistor.
The LTC1697 includes a synchronous current mode PWM
controller with internal 1A MOSFET switches. It contains
a 300kHz oscillator, 0.8V reference, and internal current
sense. It operates from a 2.8V to 5.5V input voltage. The
LTC1697 also has a thermal limit and a shutdown that
reduces supply current to <2µA.
The LTC1697 is available in the MSOP-10 package.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
High Efficiency Low Power
1W CCFL Switching Regulator
, LTC and LT are registered trademarks of Linear Technology Corporation.
8.25k
0.1µF
0.022µF
10µF
330Ω
65
110
2
3
4
0.15µF
33µH
CCFL
LAMP
200k
VIN
2.8V TO 5.5V
DIMMING INPUT
1V(0%) – 2V(100%)
Li-Ion
CELL
1697 TA01
27pF
1kV
+
OFF ON
VIN SW 0VSEN
SHDN
VDIM
CDIM
RPROG
LAMP
VC
LTC1697
GND
RPROG (Ω)
4k
10k
20k
6k
8k
3
2
4
5
6
7
9
8
10
1967 TA01b
ICCFL vs RPROG
Protected by U.S. Patent 6522116.


Similar Part No. - LTC1697

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1697 LINER-LTC1697 Datasheet
103Kb / 8P
High Efficiency Low Power 1W CCFL Switching Regulator
LTC1697EMS LINER-LTC1697EMS Datasheet
103Kb / 8P
High Efficiency Low Power 1W CCFL Switching Regulator
More results

Similar Description - LTC1697

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
LT1786F LINER-LT1786F Datasheet
350Kb / 20P
SMBus Programmable CCFL Switching Regulator
LTC1697 LINER-LTC1697 Datasheet
103Kb / 8P
High Efficiency Low Power 1W CCFL Switching Regulator
logo
National Semiconductor ...
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
logo
Sanyo Semicon Device
LV5980MX SANYO-LV5980MX Datasheet
471Kb / 16P
Low power consumption and high efficiency Step-down Switching Regulator
LV5980MC SANYO-LV5980MC Datasheet
386Kb / 16P
Low power consumption and high efficiency Step-down Switching Regulator
logo
ON Semiconductor
LV5061V-TLM-H ONSEMI-LV5061V-TLM-H Datasheet
114Kb / 6P
Low power consumption and high efficiency Step-down Switching Regulator
August, 2013
logo
Linear Technology
LT1186F LINER-LT1186F_15 Datasheet
221Kb / 16P
DAC Programmable CCFL Switching Regulator
LT1786F LINER-LT1786F_15 Datasheet
380Kb / 20P
SMBus Programmable CCFL Switching Regulator
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com