Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1983-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1983-3
Description  100mA Regulated Charge-Pump Inverters in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1983-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC1983-3 Datasheet HTML 1Page - Linear Technology LTC1983-3 Datasheet HTML 2Page - Linear Technology LTC1983-3 Datasheet HTML 3Page - Linear Technology LTC1983-3 Datasheet HTML 4Page - Linear Technology LTC1983-3 Datasheet HTML 5Page - Linear Technology LTC1983-3 Datasheet HTML 6Page - Linear Technology LTC1983-3 Datasheet HTML 7Page - Linear Technology LTC1983-3 Datasheet HTML 8Page - Linear Technology LTC1983-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1983-3/LTC1983-5
2
1983fa
VIN to GND................................................... –0.3V to 6V
SHDN Voltage .............................................. –0.3V to 6V
VOUT to GND (LTC1983-3) .................. 0.2V to VOUT Max
VOUT to GND (LTC1983-5) .................. 0.2V to VOUT Max
IOUT Max ............................................................. 125mA
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S6 PART
MARKING
TJMAX = 125°C, θJA = 256°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTPC
LTYB
LTC1983ES6-3
LTC1983ES6-5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Burst Mode is a registered trademark of Linear Technology Corporation.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, CFLY = 1µF, COUT = 10µF unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage (Regulated Output Mode) (LTC1983-3)
3.0
5.5
V
(LTC1983-5)
5.0
5.5
V
VIN Minimum Startup Voltage
2.3
V
VOUT (LTC1983-3)
VIN ≥ 3.3V, IOUT ≤ 25mA
–2.88
–3
–3.12
V
VIN ≥ 5V, IOUT ≤ 100mA
–2.88
–3
–3.12
V
VOUT (LTC1983-5)
VIN ≥ 5V, VIN –5V ≥ IOUT • ROUT
– 4.8
–5
– 5.2
V
VIN Operating Current
VIN ≤ 5.5V, IOUT = 0µA, SHDN = VIN
25
60
µA
VIN Operating Current (Open-Loop Mode) (LTC1983-5)
VIN = 3.3V
2.5
mA
VIN = 4.75V
4
mA
VIN Shutdown Current
SHDN = 0V, VIN ≤ 5.5V
0.1
1
µA
Output Ripple
3.3
≤ VIN ≤ 5.5
60
mVP-P
Open-Loop Output Impedance (LTC1983-3): ROUT
VIN = 3.3V, VOUT = –3V
11
Open-Loop Output Impedance (LTC1983-5): ROUT
VIN = 3.3V, IOUT ≈ 50mA
11
VIN = 5V, IOUT ≈ 60mA
8.5
Oscillator Frequency
(Non Burst Mode
® Operation)
900
kHz
SHDN Input High
1.1
V
SHDN Input Low
0.3
V
SHDN Input Current
VSHDN = 5.5V
2.2
4
µA
VCC 1
VOUT 2
C+ 3
6 SHDN
5 GND
4 C
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
Note 2: The LTC1983E-3/LTC1983E-5 are guaranteed to meet
performance specifications from 0
°C to 70°C. Specifications over the
–40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com