Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # DB3
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

DB3 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  DB3 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD DB3 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
DIAGRAM1:Current-voltage characteristics
DIAGRAM2 : Test circuit for output voltage
FIG.1-Power dissipation versus ambient
temperature (maximum values)
DIAGRAM3 : Test circuit see diagram2 adjust Rfor
FIG.2-Relative variation of VBO versus junction
temperature (typical values)
FIG.3-Peak pulse current versus pulse duration
(maximum values)
+IF
I
I
BO
B
10mA
0.5 VBO
V
VBO
-IF
-V
+V
220V
50Hz
0.1 F
R=20Ω
500KΩ
10KΩ
Vo
90%
10%
tr
IF
160
140
120
100
80
60
40
20
0
0 10 20 30 40 50 60 70 80 90 100 110 120 130
1.08
1.06
1.04
1.02
1.00
25
50
75
100
125
2
1
0.1
0.01
10
100
1000
10000
Tamb( C)
o
P(mW)
V (Tj)
BO
V (Tj=25
)
BO
oC
F=100Hz
Tj initial=25 C
o
tp( s)
I
(A)
TRM
D.U.T
IP=0.5A
Tj (C)
o
DB3-DB6
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com