Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1986 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1986
Description  3V/5V SIM Power Supply in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1986 Datasheet(HTML) 2 Page - Linear Technology

  LTC1986 Datasheet HTML 1Page - Linear Technology LTC1986 Datasheet HTML 2Page - Linear Technology LTC1986 Datasheet HTML 3Page - Linear Technology LTC1986 Datasheet HTML 4Page - Linear Technology LTC1986 Datasheet HTML 5Page - Linear Technology LTC1986 Datasheet HTML 6Page - Linear Technology LTC1986 Datasheet HTML 7Page - Linear Technology LTC1986 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1986
1986fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
2.6
4.4
V
VOUT Output Voltage
Shutdown Mode
0
V
3V Mode. VIN = 2.85V to 4.4V, IOUT ≤ 10mA
VIN – 0.025
V
3V Mode, VIN < 2.85V, IOUT < 10mA
q
2.75
2.9
3.05
V
5V Mode, VIN < 2.7V, IOUT ≤ 10mA
q
4.55
5
5.25
V
5V Mode, VIN = 2.7V to 4.4V, IOUT ≤ 10mA
q
4.75
5
5.25
V
VIN Operating Current
Shutdown Mode, VMODE = 0V
q
0.001
1
µA
3V Mode, IOUT = 0mA
q
10
25
µA
5V Mode, IOUT = 0mA
q
14
30
µA
VIN-to-VOUT ON Resistance
3V Mode, VIN = 3V
q
2.5
5
Ω
VOUT Short-Circuit Current
3V or 5V Mode, VOUT = 0V
q
100
200
mA
VOUT Discharge Resistance
VIN = 3V
q
70
200
Ω
Switching Frequency
Oscillator Free-Running
900
kHz
MODE Input Ranges
Shutdown Mode
q
0VIN/2 – 0.1
V
5V Mode
q
VIN/2 + 0.1
VIN – 1.0
V
3V Mode
q
VIN – 0.25
VIN
V
MODE Input Current
q
–1
1
µA
Undervoltage Lockout Threshold
1.4
V
LTC1986ES6
TJMAX = 125°C, θJA = 230°C/ W
ORDER PART
NUMBER
VIN, VOUT to GND .........................................– 0.3V to 6V
All Other Pins to GND .................................. – 0.3V to 6V
VOUT Short-Circuit Duration ............................. Indefinite
Operating Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = VMIN to VMAX, MODE = VIN, C1 = 0.047µF, COUT = 2.2µF, unless otherwise specified.
VOUT 1
GND 2
MODE 3
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
6 VIN
5 C1+
4 C1–
Note 2: The LTC1986E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
S6 PART MARKING
LTKX
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com