Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3202 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3202
Description  Low Noise, High Efficiency Charge Pump for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3202 Datasheet(HTML) 4 Page - Linear Technology

  LTC3202 Datasheet HTML 1Page - Linear Technology LTC3202 Datasheet HTML 2Page - Linear Technology LTC3202 Datasheet HTML 3Page - Linear Technology LTC3202 Datasheet HTML 4Page - Linear Technology LTC3202 Datasheet HTML 5Page - Linear Technology LTC3202 Datasheet HTML 6Page - Linear Technology LTC3202 Datasheet HTML 7Page - Linear Technology LTC3202 Datasheet HTML 8Page - Linear Technology LTC3202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC3202
3202fa
D1, D0 (Pin 1, 10): Control Inputs. D0 and D1 determine
the set point voltage of the FB pin (see Table 1).
FB (Pin 2): FB is the Feedback Input for the Regulation
Control Loop.
VOUT (Pin 3): VOUT is the Output of the Charge Pump. A low
impedance 1
µF X5R or X7R ceramic capacitor is required
from VOUT to GND.
VIN (Pin 4): Input Supply Voltage. VIN should be bypassed
with a 1
µF to 4.7µF low impedance ceramic capacitor.
PI FU CTIO S
GND (Pin 5): Ground for the Charge Pump and Control
Circuitry. This pin should be connected directly to a low
impedance ground plane.
C2–, C1–, C1+, C2+ (Pin 6, 7, 8, 9): Charge Pump Flying
Capacitor Pins. A 1
µF X5R or X7R ceramic capacitor
should be connected from C1+ to C1– and from C2+ to
C2–.
PGND (Pin 11, Exposed Pad DFN Only): Power Ground
for the Charge Pump. This pin must be connected directly
to a low impedance ground plane.
Short-Circuit Current vs Supply
Voltage
VOUT Soft-Start Ramp
Input and Output Ripple
INPUT SUPPLY (V)
2.7
300
280
260
240
220
200
180
3.0
3.3
3.6
3.9
4.2
4.5
3202 G07
CFLY = 1µF
VFB = 0V
VOUT = 0V
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
VD0, D1
2V/DIV
VOUT
1V/DIV
200
µs/DIV
VIN = 3.6V
COUT = 1µF
3202 G08
VIN
(AC COUPLED)
20mV/DIV
VOUT
(AC COUPLED)
20mV/DIV
500ns/DIV
VIN = 3.6V
CIN = COUT = 1µF
IOUT = 60mA
3202 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com