Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW510 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW510
Description  HMIC Silicon SP5T PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW510 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SW510_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW510_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
V5
MA4SW510
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
HMIC™ Silicon SP5T PIN Diode Switch
RoHS Compliant
J6 - J1
-20 mA +20 mA +20 mA
+20 mA +20 mA Low Loss
Isolation
Isolation
Isolation
Isolation
+20 mA -20 mA
+20 mA
+20 mA +20 mA
Isolation
Low Loss
Isolation
Isolation
Isolation
+20 mA +20 mA
-20 mA
+20 mA +20 mA
Isolation
Isolation
Low Loss
Isolation
Isolation
+20 mA +20 mA +20 mA
-20 mA +20 mA
Isolation
Isolation
Isolation
Low Loss
Isolation
+20 mA +20 mA +20 mA
+20 mA -20 mA
Isolation
Isolation
Isolation
Isolation
Low Loss
Condition
of
RF Output
Control Level ( DC Current ) at Port
Condition
of
RF Output
J2
J3
J4
J5
J6
J2 - J1
J3 - J1
J4 - J1
J5 - J1
J6 - J1
-20 mA +20 mA +20 mA
+20 mA +20 mA Low Loss
Isolation
Isolation
Isolation
Isolation
+20 mA -20 mA
+20 mA
+20 mA +20 mA
Isolation
Low Loss
Isolation
Isolation
Isolation
+20 mA +20 mA
-20 mA
+20 mA +20 mA
Isolation
Isolation
Low Loss
Isolation
Isolation
+20 mA +20 mA +20 mA
-20 mA +20 mA
Isolation
Isolation
Isolation
Low Loss
Isolation
+20 mA +20 mA +20 mA
+20 mA -20 mA
Isolation
Isolation
Isolation
Isolation
Low Loss
Typical Driver Connections
Condition
of
RF Output
Condition
of
RF Output
Condition
of
RF Output
Condition
of
RF Output
Note:
1.) Typical switching speed is measured from 10% to 90% of the detected RF voltage driven by a TTL compatible
driver. Driver output parallel RC network uses a capacitor between 390pF - 560pF and a resistor between 150Ω
- 220Ω to achieve 50ns rise and fall times.
RF Electrical Specifications @ TAMB = 25°C, ± 20mA bias current (probed on-wafer measurements)
Parameter
Frequency
Minimum
Nominal
Maximum
Units
Insertion Loss
20 GHz
0.9
1.4
dB
Isolation
20 GHz
28
38
dB
Input Return Loss
20 GHz
22
dB
Output Return Loss
20 GHz
23
dB
Switching Speed1
10 GHz 1
50
nS
Compatible M/A-COM Tech Drivers (Combination of both drivers is required)
MADR-007097-000100 & MADR-009190-000100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com