Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW610B Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW610B
Description  SP6T PIN Diode Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW610B Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4SW610B_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
SP6T PIN Diode Switch with Integrated Bias Network
2 - 18GHz
Rev. V2
MA4SW610B-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Operation of the MA4SW610B-1 Switch
The simultaneous application of negative DC current to the low loss port and positive DC current to the
remaining isolated ports as shown in the schematic provides successful RF operation of the MA4SW Series of
PIN Diode Switches. The backside area of the die is the RF and DC return ground plane. The DC bias return is
located on common port J1. Constant current sources should supply the DC control currents.
In the low loss state, the series diode must be forward biased and the shunt diode reverse biased. For all
isolated ports, the shunt diode is forward biased while the series diode is reverse biased.
This design improves insertion loss, P1dB, IP3, and switching speed by Incorporating a voltage pull-up resistor
(~100
Ω ) in the DC return path ,J1, under insertion loss Bias. A Typical Value of |-3 V| is achieved at the
Insertion Loss Bias Node using ±20mA, with a Standard , ±5V TTL Controlled PIN Diode Driver.
MA4SW610B-1 Schematic
DC Bias
J1 ( Common Port )
J2
J3
J5
J7
J4
J6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com