Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4411 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4411
Description  2.6A Low Loss Ideal Diode in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 6 Page - Linear Technology

  LTC4411 Datasheet HTML 1Page - Linear Technology LTC4411 Datasheet HTML 2Page - Linear Technology LTC4411 Datasheet HTML 3Page - Linear Technology LTC4411 Datasheet HTML 4Page - Linear Technology LTC4411 Datasheet HTML 5Page - Linear Technology LTC4411 Datasheet HTML 6Page - Linear Technology LTC4411 Datasheet HTML 7Page - Linear Technology LTC4411 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC4411
4411fa
APPLICATIO S I FOR ATIO
INTRODUCTION
The LTC4411 is intended for power control applications
that include low loss diode ORing, fully automatic
switchover from a primary to an auxiliary source of power,
microcontroller controlled switchover from a primary to
an auxiliary source of power, load sharing between two or
more batteries, charging of multiple batteries from a
single charger and high side power switching.
Figure 4. State Transition Diagram
CONSTANT RON
REGULATION
CONSTANT ION
REGULATION
CONSTANT VON
REGULATION
REVERSE
BIASED
VIN – VOUT < VFWD
IOUT > IFWD IOUT < IFWD
IOUT > IMAX IOUT < IMAX
VIN – VOUT > VFWD
ISTAT = 0
DIODE ON
ISTAT = 10µA
DIODE OFF
ISTAT = 0
DIODE OFF
ISTAT = 0
DIODE OFF
ISTAT = 10µA
DIODE OFF
ISTAT = 0
DIODE ON
ISTAT = 0
DIODE ON
CONTROL
SHUTDOWN
UNDER
VOLTAGE
LOCK-OUT
OVER
TEMPERATURE
SHUTDOWN
TJ < 140°C
TJ > 150°C
VDD > 2.4
VDD < 2.3
VCTL < VIL
4411 F04
NORMAL OPERATION
VCTL > VIH
WHERE:
VDD = MAX {VIN, VOUT}
VIL = VTH – VHYST/2
VIH = VTH + VHYST/2
When the load current exceeds IMAX, an over current
condition is detected and the LTC4411 will limit the output
current. This will cause the output voltage to drop as the
load current exceeds the amount of current that the
LTC4411 can supply. This condition will increase the
power consumption within the LTC4411.
When an alternate power source is connected to the
output, the LTC4411 will sense the increased voltage at
OUT, and the amplifier (A) will increase the voltage at
VGATE. When VOUT is higher than VIN + VRTO, the internal
power source for the LTC4411 (VDD) will be diverted to
source current from the OUT pin. At the same time VGATE
will be pulled to VDD, which will turn off P1. The system is
now in the reverse turn-off mode. Power to the load is
being delivered from an alternate supply, and only a small
OPERATIO
current is drawn from IN to sense the potential VIN. During
reverse turn-off mode the STAT pin will sink 10µA to
indicate that the diode is not conducting.
When the CTL input is asserted (high), P1 will have its gate
voltage pulled high, and the STAT pin will sink 10µA. A 3µA
pull-down current on the CTL pin will ensure a low level at
this input if it is left open circuited.
The overtemperature condition is detected when the
internal die temperature increases beyond 150°C. The
overtemperature condition will cause the gate amplifier
(A) as well as P1 to be shut off. When the internal die
temperature cools to below 140°C, the amplifier will turn
on and revert to normal operation. Note that prolonged
operation under overtemperature conditions will degrade
reliability.
Automatic PowerPath Control
Figure 1 illustrates an application circuit for automatic
switchover of a load between a battery and a wall adapter
or other power input. With initial application of the battery,
the load will be charged up as the LTC4411 turns on. The
LTC4411 will control the gate voltage of its internal MOSFET
to reduce the MOSFET’s voltage drop to a low forward
voltage (VFWD). The system is now in the forward regula-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com