Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6900 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6900
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 1 Page - Linear Technology

  LTC6900 Datasheet HTML 1Page - Linear Technology LTC6900 Datasheet HTML 2Page - Linear Technology LTC6900 Datasheet HTML 3Page - Linear Technology LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC6900
1
6900fa
TYPICAL APPLICATION
DESCRIPTION
Low Power, 1kHz to 20MHz
Resistor Set SOT-23 Oscillator
The LTC®6900 is a precision, low power oscillator that is
easy to use and occupies very little PC board space. The
oscillator frequency is programmed by a single external
resistor (RSET). The LTC6900 has been designed for high
accuracy operation (≤1.5% frequency error) without the
need for external trim components.
The LTC6900 operates with a single 2.7V to 5.5V power
supply and provides a rail-to-rail, 50% duty cycle square
wave output. The CMOS output driver ensures fast rise/fall
times and rail-to-rail switching. The frequency-setting
resistor can vary from 10kΩ to 2MΩ to select a master
oscillator frequency between 100kHz and 20MHz (5V
supply). The three-state DIV input determines whether the
master clock is divided by 1, 10 or 100 before driving the
output, providing three frequency ranges spanning 1kHz
to 20MHz (5V supply). The LTC6900 features a proprietary
feedback loop that linearizes the relationship between RSET
and frequency, eliminating the need for tables to calculate
frequency. The oscillator can be easily programmed using
the simple formula outlined below:
fOSC = 10MHz •
20k
N
•RSET
⎛
⎝⎜
⎞
⎠⎟
,N
=
100,
10,
1,
⎧
⎨
⎪
⎩⎪
DIV Pin
= V +
DIV Pin
= Open
DIV Pin
= GND
Clock Generator
FEATURES
APPLICATIONS
n One External Resistor Sets the Frequency
n 1kHz to 20MHz Frequency Range
n 500μA Typical Supply Current, VS = 3V, 3MHz
n Frequency Error ≤1.5% Max, 5kHz to 10MHz
(TA = 25°C)
n Frequency Error ≤ 2% Max, 5kHz to 10MHz
(TA = 0°C to 70°C)
n ±40ppm/°C Temperature Stability
n 0.04%/V Supply Stability
n 50% ±1% Duty Cycle 1kHz to 2MHz
n 50% ± 5% Duty Cycle 2MHz to 10MHz
n Fast Start-Up Time: 50μs to 1.5ms
n 100Ω CMOS Output Driver
n Operates from a Single 2.7V to 5.5V Supply
n Low Profile (1mm) ThinSOT™ Package
n Portable and Battery-Powered Equipment
n PDAs
n Cell Phones
n Low Cost Precision Oscillator
n Charge Pump Driver
n Switching Power Supply Clock Reference
n Clocking Switched Capacitor Filters
n Fixed Crystal Oscillator Replacement
n Ceramic Oscillator Replacement
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
RSET vs Desired Output Frequency
V+
1
2
3
5
1kHz ≤ fOSC ≤ 20MHz
5V
5V, N = 100
10k ≤ RSET ≤ 2M
0.1μF
6900 TA01a
4
GND
LTC6900
SET
OUT
DIV
OPEN, N = 10
N = 1
fOSC = 10MHz •
20k
N • RSET
()
DESIRED OUTPUT FREQUENCY (Hz)
10
100
1k
100k
1M
10M
6900 TA01b
1
10k
10000
1000
100M
÷100
÷10
÷1


Similar Part No. - LTC6900

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6900 AD-LTC6900 Datasheet
1Mb / 34P
Voltage-Controlled Pulse Width Modulator (PWM)
11/19-REV.D
LTC6900 AD-LTC6900 Datasheet
755Kb / 28P
TimerBlox: Delay Block/ Debouncer
11/19-REV.C
LTC6900 AD-LTC6900 Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
More results

Similar Description - LTC6900

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6906 LINER-LTC6906_15 Datasheet
174Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907_15 Datasheet
176Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com