Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1056 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1056
Description  Precision, High Speed, JFET Input Operational Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1056 Datasheet(HTML) 2 Page - Linear Technology

  RH1056_15 Datasheet HTML 1Page - Linear Technology RH1056_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DICE/DWF SPECIFICATION
2
RH1056
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 2006
LT 0606 • PRINTED IN USA
Wafer level testing is performed per the indicated specifications for dice. Considerable differences in performance can often be observed for dice versus
packaged units due to the influences of packaging and assembly on certain devices and/or parameters. Please consult factory for more information
on dice performance and lot qualifications via lot sampling test procedures.
Dice data sheet subject to change. Please consult factory for current revision in production.
I.D.No. 66-13-1056
Note 1: Dice are probe tested at 25°C to the limits shown. Final specs,
after assembly cannot be guaranteed at the die level due to yield loss and
assembly shifts. For absolute maximum ratrings, typical specifications,
performance curves and finished product specifications, please refer to the
standard product data sheet.
Note 2: For dice tested to tighter limits than those listed above and/or, lot
qualification based on sample lot assembly and testing, please contact LTC
Marketing.
Note 3: VS = ±15V, TA = 25°C, VCM = 0V, unless otherwise noted.
Note 4: This is not a reflection of actual IOS and IB. Typical values are 5pA
and 20pA respectively at final test. JFETs sensitivity to light at wafer sort
requires a loose limit.
Note 5: Tested at a gain of “5”.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOUT
Output Voltage Swing
RL = 2k, VS = ±15V
±12
V
CMRR
Common Mode Rejection Ratio
VCM = ±11V, VS = ±15V
86
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
88
dB
SR
Slew Rate
(Note 5)
10
V/μs
IS
Supply Current
6
mA
DICE ELECTRICAL TEST LIMITS (Note 3)
Rad Hard die require special handling as compared to standard IC chips.
Rad Hard die are susceptible to surface damage because there is no silicon
nitride passivation as on standard die. Silicon nitride protects the die surface
from scratches by its hard and dense properties. The passivation on Rad Hard
die is silicon dioxide that is much “softer” than silicon nitride.
LTC recommends that die handling be performed with extreme care so
as to protect the die surface from scratches. If the need arises to move
the die around from the chip tray, use a Teflon-tipped vacuum wand.
This wand can be made by pushing a small diameter Teflon tubing onto the
tip of a steel-tipped wand. The inside diameter of the Teflon tip should match
the die size for efficient pickup. The tip of the Teflon should be cut square
and flat to ensure good vacuum to die surface. Ensure the Teflon tip remains
clean from debris by inspecting under stereoscope.
During die attach, care must be exercised to ensure no tweezers touch the
top of the die.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com