Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4243 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 19Page - STMicroelectronics AN4243 Datasheet HTML 20Page - STMicroelectronics AN4243 Datasheet HTML 21Page - STMicroelectronics AN4243 Datasheet HTML 22Page - STMicroelectronics AN4243 Datasheet HTML 23Page - STMicroelectronics AN4243 Datasheet HTML 24Page - STMicroelectronics AN4243 Datasheet HTML 25Page - STMicroelectronics AN4243 Datasheet HTML 26Page - STMicroelectronics AN4243 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN4243
Application information
Doc ID 024199 Rev 1
23/29
3.2
Six-step driving method with current control
The input sequence is generated by the external controller and the L6230 comparator is
used to obtain the information for the peak current control. In this configuration, only one
sense resistor is needed, the three OUT pins are connected together to RSENSE (see
Figure 20).
The non-inverting input comparator CP+ monitors the voltage drop across the external
sense resistor connected between the source of the three lower power MOS transistors and
ground.
As the current in the motor increases the voltage across, the RSENSE increases
proportionally. When the voltage drop across, the sense resistor becomes greater than the
reference voltage applied to inverting input CP- the comparator open-drain output is
switched on pulling down the CPOUT pin.
This signal could be managed by controller to generate the proper input sequence for six-
step driving method with current control and select what current decay method to
implement.
When the sense voltage decreases below the CP- voltage, the open-drain is switched off
and the voltage at CPOUT pin increases charging the capacitor C3.
The reference voltage at pin CP- is set according to the sense resistor value and the desired
regulated current:
Equation 15
A very simple way to obtain a variable voltage is to low-pass filter a PWM output of a
controller (refer to Section 2.8).
Figure 20.
Six-step with current control typical application
V
CP-
R
SENSE
I
TARGET
×
≅
EN3
OUT1
CP+
CP-
GND
CPOUT
OUT3
OUT2
VSA
POWER
GROUND
SIGNAL
GROUND
PWM
from controller
+
-
VS
8-52VDC
VSB
VCP
VBOOT
CCP-
RCP-
CCPOUT
RCPOUT
CBOOT
D2
D1
C1
SENSE1
RSENSE
DIAG/EN
CEN
REN
ENABLE
IN3
EN2
IN2
EN1
IN1
EN3
Current control
signal
IN3
EN2
IN2
EN1
IN1
SENSE2
SENSE3
THREE-PHASE
MOTOR
M
AM16582v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com