Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4345 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4345 Datasheet HTML 1Page - STMicroelectronics AN4345 Datasheet HTML 2Page - STMicroelectronics AN4345 Datasheet HTML 3Page - STMicroelectronics AN4345 Datasheet HTML 4Page - STMicroelectronics AN4345 Datasheet HTML 5Page - STMicroelectronics AN4345 Datasheet HTML 6Page - STMicroelectronics AN4345 Datasheet HTML 7Page - STMicroelectronics AN4345 Datasheet HTML 8Page - STMicroelectronics AN4345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DocID025078 Rev 1
5/28
AN4345
Circuit description
28
2
Circuit description
The converter schematic is given in Figure 4. The input section includes a resistor R1 for
inrush current limiting, diodes D1 and D2 and a Pi filter (C1, L1, C2) for rectification and
EMC suppression.
The FB pin is the inverting input of the internal transconductance error amplifier and its
reference voltage is VFB_REF = 3.3 V. The output voltage VOUT1 is regulated by the voltage
divider, which is composed of R4 and R5, according to the following formula:
Equation 1
where R5 is split into R5A and R5B to allow a better tuning of the output voltage.
VOUT2 comes from VOUT1 through a linear voltage regulator, the compensation is performed
by the R-C-C network connected between COMP and GND pins.
At power-up, the DRAIN pin supplies the internal HV start-up current generator, which
charges the C3 capacitor up to VDDON (13 V). At this point, the power MOSFET starts
switching, the generator is turned off and the IC is powered by the energy stored in C3.
If the jumper J1 is not selected, the VIPer16LD is self-biased: the C3 capacitor voltage, due
to the system consumption, falls down and when it reaches VDDCS_ON (10.5 V typ.), the
internal HV current generator is turned on, recharging C3 up to VDDON, after that the HV
generator is switched off again. The VIPer16LD is internally supplied without any external
network, which minimizes the number of external components. Moreover this function
allows the designer to generate output voltages below the voltage lockout (5 V for example)
with a simple inductor.
If the jumper J1 is selected, the HV start-up generator is activated at power on only: when
VOUT1 has reached its steady-state value, IC is biased from the output through the diode
D6, allowing the system to reach very low standby-consumption values. This is referred to
“external biasing” and can be obtained only if VOUT1 is high enough to keep the C3 voltage
always above the VDDCS_ON threshold.
The shape of the VDD voltage is depicted in Figure 5 and 6 for self-biasing and external
biasing respectively.
The R6 resistor, if connected, reduces the default current limitation of the device IDLIM by a
certain percentage depending on the resistor value, as reported in the curve ILIM vs. RLIM of
the datasheet. This optimizes the design of the magnetic and power elements.
REF
FB
OUT
V
R
R
V
_
1
4
5
1
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com