Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4466 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4466
Description  The aim of this document is to give all information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4466 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4466 Datasheet HTML 2Page - STMicroelectronics AN4466 Datasheet HTML 3Page - STMicroelectronics AN4466 Datasheet HTML 4Page - STMicroelectronics AN4466 Datasheet HTML 5Page - STMicroelectronics AN4466 Datasheet HTML 6Page - STMicroelectronics AN4466 Datasheet HTML 7Page - STMicroelectronics AN4466 Datasheet HTML 8Page - STMicroelectronics AN4466 Datasheet HTML 9Page - STMicroelectronics AN4466 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Glass hole size
AN4466
8/10
DocID026155 Rev 1
Figure 5. Glass hole size values
Tolerance (+/-um)
200
Distance between ALS & prox:
0,76
(set by customer)
ALS outer diameter at top surface
0,78
VCSEL
ALS Only
Prox Only
ALS & Prox
Oval
(VCSEL, Prox & ALS)
Air Gap
Diameter (mm)
Diameter (mm)
Diameter (mm) Diameter (mm)
Diameter (mm)
0
0,71
1,14
0,71
1,90
1,47
0,1
0,76
1,34
0,76
2,10
1,52
0,2
0,80
1,54
0,80
2,30
1,56
0,3
0,85
1,74
0,85
2,50
1,74
0,4
0,89
1,94
0,89
2,70
1,94
0,5
0,94
2,14
0,94
2,90
2,14
0,6
0,98
2,34
0,98
3,10
2,34
0,7
1,03
2,54
1,03
3,30
2,54
0,8
1,07
2,74
1,07
3,50
2,74
0,9
1,11
2,94
1,11
3,70
2,94
1
1,16
3,14
1,16
3,90
3,14
1,1
1,20
3,34
1,20
4,10
3,34
1,2
1,25
3,54
1,25
4,30
3,54
1,3
1,29
3,74
1,29
4,50
3,74
1,4
1,34
3,94
1,34
4,70
3,94
1,5
1,38
4,14
1,38
4,90
4,14
1,6
1,42
4,34
1,42
5,10
4,34
1,7
1,47
4,54
1,47
5,30
4,54
1,8
1,51
4,74
1,51
5,50
4,74
1,9
1,56
4,94
1,56
5,70
4,94
2
1,60
5,14
1,60
5,90
5,14
The ALS & Prox together assumes one aperture
covering both the prox and ALS holes, centred halfway
between the prox and ALS hole centres.
Alternatively an oval artwork could be used.
Centred on the VCSEL and
centred halfway between the prox and ALS hole centres.
Notes
1 This spreadsheet is intended to help the user determine the optimum size of 'holes'
to be used in the cover glass of the VL6180X.
2 The 'holes' refer to the areas that trasmsits IR 850 nm light, above the VCSEL and
return array. The other areas should be opaque to IR light.
3 This method can also be used to work out the size of holes in a gasket.
2.94mm
2.94mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com