Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4503 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4503
Description  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4503 Datasheet HTML 4Page - STMicroelectronics AN4503 Datasheet HTML 5Page - STMicroelectronics AN4503 Datasheet HTML 6Page - STMicroelectronics AN4503 Datasheet HTML 7Page - STMicroelectronics AN4503 Datasheet HTML 8Page - STMicroelectronics AN4503 Datasheet HTML 9Page - STMicroelectronics AN4503 Datasheet HTML 10Page - STMicroelectronics AN4503 Datasheet HTML 11Page - STMicroelectronics AN4503 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Test environment / ecosystem
AN4503
8/26
DocID026411 Rev 2
From the Android Root Source, the following command is applied:
[RAS]: /prebuilts/misc/linux-x86/ccache/ccache -M 50G
To download and compile kernel sources, 'git' is configured as follows:
 $ git config --global user.email "e-mailing_address"
 $ git config --global user.name "user"
To connect to the board with fastboot and adb commands, the following lines are added to
the /etc/udev/rules.d/51-android.rules file.
 # adb protocol on panda (PandaBoard)
 SUBSYSTEM=="usb", ATTR{idVendor}=="0451", ATTR{idProduct}=="d101",
MODE="0666", owner=”username”
 # fastboot protocol on panda (PandaBoard)
 SUBSYSTEM=="usb", ATTR{idVendor}=="0451", ATTR{idProduct}=="d022",
MODE="0666", owner=”username”
 # usbboot protocol on panda (PandaBoard)
 SUBSYSTEM=="usb", ATTR{idVendor}=="0451", ATTR{idProduct}=="d010",
MODE="0666", owner=”username”
Permission for this file must also be changed:
"chmod a+x /etc/udev/rules.d/51-android.rules.
Then restart udev service with the "sudo service udev restart" command.
2.3
Building Android KitKat-4.4
The following steps are required to build the Environment:
 Download the packages
 Apply required patches
 Compile the sources
 Flash the image to the PandaBoard SD card
These steps are detailed in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com