Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4505 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4505 Datasheet HTML 1Page - STMicroelectronics AN4505 Datasheet HTML 2Page - STMicroelectronics AN4505 Datasheet HTML 3Page - STMicroelectronics AN4505 Datasheet HTML 4Page - STMicroelectronics AN4505 Datasheet HTML 5Page - STMicroelectronics AN4505 Datasheet HTML 6Page - STMicroelectronics AN4505 Datasheet HTML 7Page - STMicroelectronics AN4505 Datasheet HTML 8Page - STMicroelectronics AN4505 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
June 2014
DocID026441 Rev 1
1/43
AN4505
Application note
L3GD20: 3-axis digital output gyroscope
Introduction
This document is intended to provide usage information and application hints related to ST’s
L3GD20 3-axial digital gyroscope.
The L3GD20 is a three-axis angular rate sensor with a digital I2C/SPI serial interface
standard output.
The device has a full scale of ±250/±500/ ±2000 dps and is capable of measuring rates with
a user-selectable bandwidth.
The device may be configured to generate interrupt signals by an independent wake-up
event. Thresholds and timing of the interrupt generator are programmable by the end user
on the fly.
The L3GD20 has an integrated 32-level first-in first-out (FIFO) buffer allowing the user to
store data in order to limit intervention by the host processor.
The L3GD20 is available in a small thin plastic land grid array package (LGA 4x4x1) and it is
guaranteed to operate over an extended temperature range from -40 °C to +85 °C.
The ultra-small size and weight of the SMD package make it an ideal choice for handheld
portable applications such as cell phones and PDAs, or any other application where
reduced package size and weight are required.
www.st.com


Similar Part No. - AN4505

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
Power Assemblies
More results

Similar Description - AN4505

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
LL-1111-30 JMK-LL-1111-30 Datasheet
264Kb / 1P
This filter series is intended to provide transient and surge suppression for DC
logo
STMicroelectronics
AN4173 STMICROELECTRONICS-AN4173 Datasheet
240Kb / 22P
The aim of this document is to clarify the usage
13-Sep-2013
AN4233 STMICROELECTRONICS-AN4233 Datasheet
245Kb / 12P
The purpose of this document is to provide a methodology
16-Jan-2013
AN2335 STMICROELECTRONICS-AN2335 Datasheet
457Kb / 40P
This document is intended to give application
20-Oct-2006
AN3393 STMICROELECTRONICS-AN3393 Datasheet
2Mb / 103P
This document is intended to provide information
17-Oct-2014
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
The purpose of this document is to provide information
03-May-2012
AN4504 STMICROELECTRONICS-AN4504 Datasheet
797Kb / 41P
This document is intended to provide usage information
18-Jun-2014
AN4506 STMICROELECTRONICS-AN4506 Datasheet
1Mb / 47P
This document is intended to provide information
30-Apr-2015
AN4602 STMICROELECTRONICS-AN4602 Datasheet
595Kb / 23P
This document is intended to guide in the usage of and to provide useful details related
17-Dec-2014
AN4650 STMICROELECTRONICS-AN4650 Datasheet
1Mb / 102P
This document is intended to provide usage information
13-Feb-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com