Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1180 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN1180
Description  How to interpret pressure and temperature readings in pressure sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1180 Datasheet(HTML) 6 Page - STMicroelectronics

  TN1180 Datasheet HTML 1Page - STMicroelectronics TN1180 Datasheet HTML 2Page - STMicroelectronics TN1180 Datasheet HTML 3Page - STMicroelectronics TN1180 Datasheet HTML 4Page - STMicroelectronics TN1180 Datasheet HTML 5Page - STMicroelectronics TN1180 Datasheet HTML 6Page - STMicroelectronics TN1180 Datasheet HTML 7Page - STMicroelectronics TN1180 Datasheet HTML 8Page - STMicroelectronics TN1180 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
How to obtain temperature values in C
TN1180
When reading the temperature values it is also important to note the byte ordering. This is
especially true in auto-increment mode in which case address 2Bh is read first, followed by
address 2Ch. The designer should assemble the proper 16-bit endian format (temperature
count = 2Ch & 2Bh).
The following registers in the device are two’s complement. All other registers in the device
are either unsigned or bitwise representations (not negative).
Table 1: Pressure sensor two's complement registers
Function
Bytes
Description
PRESS_OUT()
2Ah & 29h & 28h
24-bit absolute pressure data or this contains the
difference in pressure between Ref_P() and
Press_Out() when auto-zero mode is used
TEMP_OUT()
2Bh & 2Ch
16-bit temperature data
REF_P()
0Ah & 09h & 08h
24-bit absolute pressure in auto-zero mode
6/9
DocID026298 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com