Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4704G Datasheet(PDF) 1 Page - NEC

Part # UPD4704G
Description  EXTENSION 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4704G Datasheet(HTML) 1 Page - NEC

  UPD4704G Datasheet HTML 1Page - NEC UPD4704G Datasheet HTML 2Page - NEC UPD4704G Datasheet HTML 3Page - NEC UPD4704G Datasheet HTML 4Page - NEC UPD4704G Datasheet HTML 5Page - NEC UPD4704G Datasheet HTML 6Page - NEC UPD4704G Datasheet HTML 7Page - NEC UPD4704G Datasheet HTML 8Page - NEC UPD4704G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DESCRIPTION
The
µPD4704 is 8-bit up/down counters for extension of the µPD4702 incremental encoder counter. They perform
an up/down-count using an 8-bit width with a
µPD4702 carry or borrow signal as input. In addition, a carry output
and borrow output are also provided for further extension of the count width, enabling extension to be performed
in 8-bit units.
FEATURES
• 8-bit up/down counter for extension of
µPD4702
• Count data output controllable (latch and 3-state output)
• Extension carry and borrow outputs
• CMOS, single +5 V power supply
PIN NAMES
Up
: Up-count input
Down
: Down-count input
Reset
: Counter reset input
STB
: Latch strobe signal input
OE
: Output control signal input
CD0-7
: Count data outputs
Carry
: Carry pulse output
Borrow : Borrow pulse output
ORDERING INFORMATION
MOS INTEGRATED CIRCUIT
µPD4704
EXTENSION 8-BIT UP/DOWN COUNTER
CMOS INTEGRATED CIRCUITS
Part Number
Package
µPD4704C
20-pin plastic DIP
(300 mil)
µPD4704G
20-pin plastic SOP
(300 mil)
PIN CONFIGURATION (Top View)
1
2
3
4
5
6
7
8
9
10
Reset
A
B
NC
CD0
CD1
CD2
CD3
NC
VSS
VDD
Carry
Borrow
STB
OE
CD7
CD6
CD5
CD4
NC
20
19
18
17
16
15
14
13
12
11
Document No.
IC-3305A (2nd edition)
(O. D. No.
IC-8762B)
Date Published April 1997 P
Printed in Japan
©
1993
DATA SHEET


Similar Part No. - UPD4704G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4704G RENESAS-UPD4704G Datasheet
415Kb / 18P
MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD4704G

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4702 NEC-UPD4702 Datasheet
167Kb / 16P
INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
8-Bit Up/Down Counter
logo
National Semiconductor ...
DM54LS469 NSC-DM54LS469 Datasheet
124Kb / 4P
DM54LS469/DM74LS469 8-Bit Up/Down Counter
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
CMOS BCD UP/DOWN COUNTER
SCL4516B ETC1-SCL4516B Datasheet
598Kb / 3P
CMOS BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com