Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1062 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1062
Description  The PM8803 is a highly integrated device embedding
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1062 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1062 Datasheet HTML 10Page - STMicroelectronics UM1062 Datasheet HTML 11Page - STMicroelectronics UM1062 Datasheet HTML 12Page - STMicroelectronics UM1062 Datasheet HTML 13Page - STMicroelectronics UM1062 Datasheet HTML 14Page - STMicroelectronics UM1062 Datasheet HTML 15Page - STMicroelectronics UM1062 Datasheet HTML 16Page - STMicroelectronics UM1062 Datasheet HTML 17Page - STMicroelectronics UM1062 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
NM
NM
C47
Ceramic capacitor
NM
603
NM
1
1
C49
Ceramic capacitor
22 nF
50 V
603
Std
1
1
C50
Ceramic capacitor
100 nF
50 V
603
Std
1
1
C51
Ceramic capacitor
47 nF
200 V
1206
Syfer
1
1
C54
Ceramic capacitor
470 pF
50 V
603
Std
1
1
C55
Ceramic capacitor
100 pF
50 V
603
Std
1
1
C56
Ceramic capacitor
22 nF
50 V
603
Std
1
1
C61
Ceramic capacitor
2.2 nF
2 kV
1812
TDK
1
1
D1, D21
Std diode
STTH302S
200 V
SMC
STMicroelectronics
NM
NM
D2,D3,D5,D6,
D15D16,D18,D19
Zener diode
(BZX84C10)
SOT23
NM
1
1
D32
Zener diode
BZX84C10
SOT23
Std
88
D4,D7,D8,D9,
D12D13,D14, D17
Schottky diode
STPS2H100A
100 V
SMA
STMicroelectronics
NM
NM
D10
TVS diode
NM
SMA
NM
1
1
D11
TVS diode
SMAJ58A
SMA
STMicroelectronics
1
1
D20
LED diode
AUX
2.2 V
PLCC-2
Std
NM
NM
D22,D23
Schottky diode
NM
Dpak
Option diode rect.
NM
NM
D24,D25
Bridge rectifier
NM
SDIP
NM
1
1
D26
LED diode
Green LED
2.2 V
PLCC-2
Std
NM
NM
D27
Zener diode
NM
SOT23
NM
99
D28,D29,D30,
D31D37,D38, D39,
D40D41
Schottky diode
BAT46J
100 V
SOD323
STMicroelectronics
NM
NM
D42
Schottky diode
NM
SMA
NM
1
1
D44
LED diode
L1 OK
2.2 V
PLCC-2
Std
Table 6.
EVALPM8803-FWD BOM (continued)
3.3 V
5 V
Reference
Description
Value
Tol.
Voltage
Body
Vendor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com