Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1685 Datasheet(PDF) 26 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 22Page - STMicroelectronics UM1685 Datasheet HTML 23Page - STMicroelectronics UM1685 Datasheet HTML 24Page - STMicroelectronics UM1685 Datasheet HTML 25Page - STMicroelectronics UM1685 Datasheet HTML 26Page - STMicroelectronics UM1685 Datasheet HTML 27Page - STMicroelectronics UM1685 Datasheet HTML 28Page - STMicroelectronics UM1685 Datasheet HTML 29Page - STMicroelectronics UM1685 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Device configuration
UM1685
26/31
DocID025458 Rev 2
In conclusion the suggested configuration for the demonstration boards is following:
VCC value = 15 V.
UVLO threshold = 11 V (10 V on boot).
Gate current = 64 mA.
Controlled current time = 1
s.
Dead time = 250 ns.
Blanking time = 500 ns.
Turn OFF boost time = disabled.
3.4
Overcurrent and stall detection thresholds
The overcurrent protection and the stall detection (EVAL6480H only) are implemented by
measuring the drain-source voltage of the MOSFETs, hence their value is a voltage and not
a current.
The protection thresholds are set according to the voltage drop caused by the target
triggering current on the MOSFET RdsON at the expected operating temperature (in fact this
parameter increases with temperature).
During the preliminary stages of evaluation, the max. value of 1000 mV can be set for both
protections. The default value of 281.25 mV has a good probability to trigger the overcurrent
alarm.
Warning:
Important - it is strongly discouraged to disable the
overcurrent shutdown. It may result in critical failures.
3.5
Speed profile
The max. speed parameter is the maximum speed the motor will run. By default, it is about
1000 step/s. That means, if you send a command to run at 2000 step/s, the motor speed is
limited at 1000 step/s.
This is an important safety feature in the final application, but not necessarily useful to
evaluate the device performances. Setting the parameter to high values (e.g. 6000 step/s)
allows evaluating the maximum speed which can be achieved by the application under test
through the speed tracking command (Run), but it probably limits the possibility to use
positioning commands (Move, GoTo, etc.).
The Full-step speed parameter indicates the speed at which the system switches from
microstepping to full step operation.
In voltage mode driving devices (EVAL6480H), it is always recommended to operate in
microstepping and not to switch to the full step. Hence, this parameter should be greater
than the maximum speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com