Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4711BGS Datasheet(PDF) 8 Page - NEC

Part # UPD4711BGS
Description  RS-232 LINE DRIVER/RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4711BGS Datasheet(HTML) 8 Page - NEC

Back Button UPD4711BGS Datasheet HTML 4Page - NEC UPD4711BGS Datasheet HTML 5Page - NEC UPD4711BGS Datasheet HTML 6Page - NEC UPD4711BGS Datasheet HTML 7Page - NEC UPD4711BGS Datasheet HTML 8Page - NEC UPD4711BGS Datasheet HTML 9Page - NEC UPD4711BGS Datasheet HTML 10Page - NEC UPD4711BGS Datasheet HTML 11Page - NEC UPD4711BGS Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
µPD4711B
8
TEST CIRCUIT
Driver output voltage/Output current (+ side)
Driver output voltage/Output current (– side)
20
DC - DC
converter
VDD
C1
VCC
C1
GND
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
+5 V
C1
+
+
C3
+10 V
C4
+
+
C2
–10 V
C4
+
+
–
VSS
C4
–
GND
300
Ω
5.5 k
Ω
300
Ω
5.5 k
Ω
STBY
+5 V
V V DO
IDO
20
DC - DC
converter
VDD
C1
VCC
C1
GND
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
+5 V
C1
+
+
C3
+10 V
C4
+
+
C2
–10 V
C4
+
+
–
VSS
C4
–
GND
300
Ω
5.5 k
Ω
300
Ω
5.5 k
Ω
STBY
+5 V
V V DO
IDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com