Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1024 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1024
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1024 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1024 Datasheet HTML 2Page - Linear Technology LT1024 Datasheet HTML 3Page - Linear Technology LT1024 Datasheet HTML 4Page - Linear Technology LT1024 Datasheet HTML 5Page - Linear Technology LT1024 Datasheet HTML 6Page - Linear Technology LT1024 Datasheet HTML 7Page - Linear Technology LT1024 Datasheet HTML 8Page - Linear Technology LT1024 Datasheet HTML 9Page - Linear Technology LT1024 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1024
1024fa
Gain, Phase Shift vs Frequency
Voltage Gain vs Frequency
Channel Separation vs
Frequency
Voltage Gain vs Load Resistance
Small-Signal Transient
Response
Small-Signal Transient
Response
Large-Signal Transient
Response
FREQUENCY (Hz)
100
120
130
150
160
100
1M
LT1024 • TPC12
80
1k
100k
10k
140
110
90
VS = ±15V
TA = 25°C
RS = 10Ω
RS = 100Ω
RS = 1k
FREQUENCY (Hz)
0.01
60
80
100
100 1k 10k 100k 1M 10M
40
20
–20
0.1
1
10
0
140
120
LT1024 • TPC13
VS = ±15V
TA = 25°C
FREQUENCY (MHz)
0.01
–10
20
30
40
0.1
1
10
10
0
200
140
120
100
160
180
GAIN
LT1024 • TPC14
PHASE MARGIN
= 70°C
TA = 25°C
VS = ±15V
PHASE
LOAD RESISTANCE (k
Ω)
1
100k
300k
1M
10M
3M
5
210
20
VS = ±15V
V0 = ±10V
25
°C
125
°C
–55
°C
LT1024 • TPC15
5µs/DIV
5µs/DIV
20µs/DIV
AV = +1
CLOAD = 100pF
AV = +1
CLOAD = 1000pF
AV = +1
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com