Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3403 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PC3403
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC3403 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PC3403_15 Datasheet HTML 1Page - Renesas Technology Corp PC3403_15 Datasheet HTML 2Page - Renesas Technology Corp PC3403_15 Datasheet HTML 3Page - Renesas Technology Corp PC3403_15 Datasheet HTML 4Page - Renesas Technology Corp PC3403_15 Datasheet HTML 5Page - Renesas Technology Corp PC3403_15 Datasheet HTML 6Page - Renesas Technology Corp PC3403_15 Datasheet HTML 7Page - Renesas Technology Corp PC3403_15 Datasheet HTML 8Page - Renesas Technology Corp PC3403_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC3403
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
Document No. G12847EJ7V0DS00 (7th edition)
(Previous No. IC-1430B)
Date Published March 2004 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
c
DESCRIPTION
The
µPC3403 is monolithic Quad Operational
Amplifier
consists
of
four
independent
high-gain,
internally frequency-compensated operational amplifiers,
designed to operate from a single power supply or split
power supplies over a wide range of voltages.
The
common mode input range includes the negative supply
thereby eliminating the necessity for external biasing
components in many applications.
FEATURES
• Internal frequency compensation
• Common mode input voltage range includes V−
• Wide supply voltage range
3 V to 32 V (Single)
±1.5 V to 16 V (Split)
• Class
AB
Output
Stage
for
Minimal
Crossover
Distortion
• Output short circuit protection
CONNECTION DIAGRAM
EQUIVALENT CIRCUIT
(Top View)
1/4 CIRCUIT
OUTPUT
V+
V−
IN
II
+
−
Q4
Q5
Q3
Q8
Q2 Q6
Q1
Q10
Q13
Q16
Q19
Q9
Q15
R6
R7
R4
Q17 Q18
Q22
Q27
Q23
Q21
Q20
Q14
R3
25
Ω
2 k
Ω
40 k
Ω
31 k
Ω
Q7
5 pF C1
PC3403C / PC3403G2
1
14
23
2
3
4
5
6
7
OUT4
II4
IN4
V−
IN3
II3
OUT3
OUT1
II1
IN1
V+
IN2
II2
OUT2
14
13
12
11
10
9
8
−+
−+
µµ
ORDERING INFORMATION
PART NUMBER
PACKAGE
QUALITY GRADE
µPC3403C
14-pin plastic DIP (7.62 mm (300))
Standard
µPC3403G2
14-pin plastic SOP (5.72 mm (225))
Standard
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No: C11531E) published by
NEC Electronics Corporation to know the specification of the quality grade on the device and its
recommended applications.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com