Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1252 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1252
Description  Low Cost Video Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1252 Datasheet(HTML) 2 Page - Linear Technology

  LT1252_15 Datasheet HTML 1Page - Linear Technology LT1252_15 Datasheet HTML 2Page - Linear Technology LT1252_15 Datasheet HTML 3Page - Linear Technology LT1252_15 Datasheet HTML 4Page - Linear Technology LT1252_15 Datasheet HTML 5Page - Linear Technology LT1252_15 Datasheet HTML 6Page - Linear Technology LT1252_15 Datasheet HTML 7Page - Linear Technology LT1252_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1252
A
G
A
U
A
R
BSOLUTEXI
TI
S
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
515
mV
+IB
Noninverting Bias Current
115
µA
–IB
Inverting Bias Current
20
100
µA
AVOL
Large-Signal Voltage Gain
VS = ±5V, VO = ±2V, RL = 150Ω
560
1500
V/V
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±12V
60
70
dB
CMRR
Common-Mode Rejection Ratio
VS = ±5V, VCM = ±2V
55
65
dB
VOUT
Maximum Output Voltage Swing
VS = ±12V, RL = 500Ω±7.0
±10.5
V
VS = ±5V, RL = 150Ω±2.5
±3.7
V
IOUT
Maximum Output Current
30
55
mA
IS
Supply Current
8.5
18
mA
RIN
Input Resistance
110
M
CIN
Input Capacitance
3pF
Power Supply Range
Dual
±2
±12
V
Single
4
24
V
SR
Input Slew Rate
AV = 1
125
V/
µs
Output Slew Rate
AV = 2
250
V/
µs
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
S8 PART MARKING
LT1252CS8
1252
LT1252CN8
8
7
6
5
4
3
2
1
–IN
+IN
NC
TOP VIEW
N8 PACKAGE
8-LEAD PLASTIC DIP
NC
V+
V
OUT
NC
TJMAX = 150°C, θJA = 150°C/ W
TJMAX = 150°C, θJA = 100°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
– IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SO
ELECTRICAL CHARACTERISTICS 0°C ≤ T
A ≤ 70°C, VS = ±5V to ± 12V, unless otherwise noted.
Total Supply Voltage (V + to V ) ............................. 28V
Input Current .....................................................
±15mA
Output Short-Circuit Duration (Note 1) ........ Continuous
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Junction Temperature (Note 2)............................ 150
°C
Lead Temperature (Soldering, 10 sec)................. 300
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com