Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1311 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1311
Description  Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1311 Datasheet(HTML) 1 Page - Linear Technology

  LT1311 Datasheet HTML 1Page - Linear Technology LT1311 Datasheet HTML 2Page - Linear Technology LT1311 Datasheet HTML 3Page - Linear Technology LT1311 Datasheet HTML 4Page - Linear Technology LT1311 Datasheet HTML 5Page - Linear Technology LT1311 Datasheet HTML 6Page - Linear Technology LT1311 Datasheet HTML 7Page - Linear Technology LT1311 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1311
s
Four Complete Current-to-Voltage Converters
s
14-Lead Small Outline Package
s
Accurate Gain: 20mV/
µA, ±4%
s
Low Offset Error: 250nA Max
s
Low Offset Drift: 2.5nA/
°C Max
s
Fast Settling: 145ns to 0.1% for a 2V Step
s
Wide Bandwidth: 12MHz
s
Low Noise: 5pA/
√Hz
s
Low Quiescent Current: 11mA Max
s
Wide Supply Range:
±2V to ±18V or 4V to 36V
The LT
®1311 is a quad current-to-voltage converter de-
signed for the demanding requirements of photo diode
amplification. A new approach to current-to-voltage con-
version provides excellent DC and AC performance with-
out external DC trims or AC frequency compensation. The
LT1311 is ideal for converting multiple photo diode cur-
rents to voltages and for general purpose matched invert-
ing amplifier applications.
The LT1311 contains four current feedback amplifiers,
each with an internal 20k feedback resistor. A supply
bypass capacitor is the only external component required
to convert four signal currents to voltages. Unlike voltage
feedback-based current-to-voltage converters that oper-
ate with only a specified value of input capacitance, the
current feedback LT1311 settles cleanly with any input
capacitance up to 50pF. Only in the most demanding
applications will the LT1311 need to be mounted close to
the photo diodes.
Quad 12MHz, 145ns Settling
Precision Current-to-Voltage
Converter for Optical Disk Drives
FEATURES
DESCRIPTION
TYPICAL APPLICATION
APPLICATIONS
s
Optical Disk Drive
Photo Diode Amplifiers
Focus and Tracking Summing Amplifiers
s
Color Scanners
RGB Amplifiers
Selectable Gain Amplifiers
s
Matched Inverting Amplifiers
, LTC and LT are registered trademarks of Linear Technology Corporation.
CIN = 1pF
CIN = 20pF
CIN = 50pF
INPUT = 100
µA STEP
VS = ±5V
1311 TA02
1
2
3
4
5
6
7
14
13
12
10
9
8
1311 TA01
11
–
+
–
+
5V
IN A
IN B
BIAS
IN C
IN D
OUT A
OUT B
OUT C
VCC
10V
OUT D
LT1311
0.1
µF
Transient Response
Photo Diode Current-to-Voltage Converter


Similar Part No. - LT1311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1311 LINER-LT1311 Datasheet
257Kb / 8P
Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
LT1311CS LINER-LT1311CS Datasheet
257Kb / 8P
Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
More results

Similar Description - LT1311

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1810M SANYO-LB1810M Datasheet
158Kb / 7P
Spindle Motor Driver for Floppy-disk Drives
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Linear Technology
LT1311 LINER-LT1311 Datasheet
257Kb / 8P
Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
Precision Voltage-to-Current Converter/Transmitter
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com