Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1357 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1357
Description  25MHz, 600V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1357 Datasheet HTML 3Page - Linear Technology LT1357 Datasheet HTML 4Page - Linear Technology LT1357 Datasheet HTML 5Page - Linear Technology LT1357 Datasheet HTML 6Page - Linear Technology LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology LT1357 Datasheet HTML 10Page - Linear Technology LT1357 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1357
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
Common-Mode Rejection Ratio
vs Frequency
–8
–10
–4
–6
1358/1359 G19
4
0
8
–2
6
2
10
FREQUENCY (Hz)
100k
1M
100M
10M
VS = ±15V
TA = 25°C
AV = –1
C = 1000pF
C = 500pF
C = 100pF
C = 50pF
C = 0
FREQUENCY (Hz)
0
40
20
100
80
60
100k
1M
1k
10k
100
10M
100M
1357 G20
VS = ±15V
TA = 25°C
+PSRR
– PSRR
FREQUENCY (Hz)
0
40
20
120
100
80
60
1k
100M
10M
1M
100k
10k
1357 G21
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (
±V)
0
200
1000
800
600
400
015
10
5
1357 G22
AV = –1
RF = RG = 2k
SR =
SR+ + SR–
—————
2
TA = 25°C
TEMPERATURE (
°C)
0
100
600
500
200
300
400
– 50
–25
25
100
125
50
75
0
1357 G23
VS = ±5V
VS = ±15V
SR+ + SR–
SR = —————
2
AV = –2
INPUT LEVEL (VP-P)
0
200
300
100
1000
900
800
700
400
600
500
0
8
16
20
12
4
210
18
14
6
1357 G24
VS = ±15V
AV = –1
RF = RG = 2k
SR =
SR+ + SR–
—————
2
TA = 25°C
Slew Rate vs Input Level
Slew Rate vs Temperature
Slew Rate vs Supply Voltage
Frequency Response vs
Capacitive Load
Frequency Response vs
Supply Voltage (AV = –1)
Frequency Response vs
Supply Voltage (AV = 1)
Gain-Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (
°C)
18
22
38
34
26
30
20
36
32
24
28
30
32
34
50
48
44
46
38
40
36
42
– 50
–25
25
100
125
50
75
0
1357 G16
PHASE MARGIN
VS = ±5V
GAIN-BANDWIDTH
VS = ±5V
PHASE MARGIN
VS = ±15V
GAIN-BANDWIDTH
VS = ±15V
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1357 G17
1
–1
10M
3
–2
2
0
4
±15V
±2.5V
TA = 25°C
AV = 1
RL = 2k
±5V
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1357 G18
1
–1
10M
3
–2
2
0
4
±15V
±2.5V
TA = 25°C
AV = –1
RF = RG = 2k
±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com