Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1413 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1413
Description  Single Supply, Dual Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1413 Datasheet(HTML) 2 Page - Linear Technology

  LT1413 Datasheet HTML 1Page - Linear Technology LT1413 Datasheet HTML 2Page - Linear Technology LT1413 Datasheet HTML 3Page - Linear Technology LT1413 Datasheet HTML 4Page - Linear Technology LT1413 Datasheet HTML 5Page - Linear Technology LT1413 Datasheet HTML 6Page - Linear Technology LT1413 Datasheet HTML 7Page - Linear Technology LT1413 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1413
LT1413ACN8
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1413N8
50
150
60
280
µV
LT1413S8
80
380
µV
∆VOS
Long-Term Input Offset
0.4
0.5
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
0.1
0.7
0.1
0.8
nA
IB
Input Bias Current
9
15
9
18
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 2)
0.55
1.1
0.55
µVP-P
Input Noise Voltage Density
fO = 10Hz (Note 2)
24
38
24
nV/
√Hz
fO = 1000Hz (Note 2)
23
30
23
nV/
√Hz
in
Input Noise Current
0.1Hz to 10Hz
2.8
2.8
pAP-P
Input Noise Current Density
fO = 10Hz
0.07
0.07
pA/
√Hz
fO = 1000Hz
0.02
0.02
pA/
√Hz
Input Resistance
(Note 3)
Differential Mode
300
500
250
500
M
Ω
Common Mode
3
3
G
Ω
Input Voltage Range
3.65
3.8
3.65
3.8
V
0
– 0.3
0
– 0.3
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 3.65V
90
101
88
101
dB
PSRR
Power Supply Rejection Ratio
VS = 3.2V to 12V
102
118
100
118
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load
400
1400
350
1400
V/mV
VO = 0.05V to 3.5V, RL = 2k
300
1000
250
1000
V/mV
1
2
3
4
8
7
6
5
TOP VIEW
–IN A
OUT A
V+
OUT B
+IN A
V–
+IN B
–IN B
S8 PACKAGE
8-LEAD PLASTIC SOIC
A
B
NOTE: THIS PIN CONFIGURATION DIFFERS FROM
THE 8-LEAD DIP PIN LOCATIONS. INSTEAD, IT
FOLLOWS THE INDUSTRY STANDARD LT1013DS8
SO PACKAGE CONFIGURATION.
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage .....................................................
±22V
Differential Input Voltage ......................................
±30V
Input Voltage ..................................................................
Equal to Positive Supply Voltage
5V Below Negative Supply Voltage
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
Note: When the input voltage exceeds the maximum ratings, the input current should be limited
to 10mA.
PACKAGE/ORDER I FOR ATIO
LT1413ACN8
LT1413CN8
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1413S8
TJMAX = 105°C, θJA = 200°C/ W
S8 PART MARKING
1413
TJMAX = 100°C, θJA = 130°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PLASTIC DIP
A
B
ELECTRICAL C
C
HARA TERISTICS
LT1413CN8/S8
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com