Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN316 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN316
Description  clamping protection mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN316 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN316 Datasheet HTML 6Page - STMicroelectronics AN316 Datasheet HTML 7Page - STMicroelectronics AN316 Datasheet HTML 8Page - STMicroelectronics AN316 Datasheet HTML 9Page - STMicroelectronics AN316 Datasheet HTML 10Page - STMicroelectronics AN316 Datasheet HTML 11Page - STMicroelectronics AN316 Datasheet HTML 12Page - STMicroelectronics AN316 Datasheet HTML 13Page - STMicroelectronics AN316 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Speed
AN316
10/17
DocID3567 Rev 4
Figure 9. Solution of parasitic inductance's problem
In this PCB configuration, the parasitic inductance can be estimated as for the T1 package,
let say roughly 0.5 nH. So the extra voltage now becomes 10 V instead of 300 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com