Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN575 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN575
Description  CALCULATION OF TRANSIL APPARENT DYNAMIC RESISTANCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN575 Datasheet(HTML) 1 Page - STMicroelectronics

  AN575 Datasheet HTML 1Page - STMicroelectronics AN575 Datasheet HTML 2Page - STMicroelectronics AN575 Datasheet HTML 3Page - STMicroelectronics AN575 Datasheet HTML 4Page - STMicroelectronics AN575 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
May 2004
AN575
APPLICATION NOTE
CALCULATION OF TRANSIL
APPARENT DYNAMIC RESISTANCE
REV. 2
INTRODUCTION
To estimate the clamping voltage VCL and the dissipated power in a TRANSIL we need the apparent dy-
namic resistance of the device, rd.
This value depends on:
– The thermal impedance and therefore the package
– The breakdown voltage VBR
– The pulse current duration tp (standard exponential pulse).
The purpose of this note is to explain the means of calculating rd.
EXPRESSION OF THE DYNAMIC RESISTANCE RD.
rd is defined by the formula:
rd = (VCL-VBR)/Ipp,
Where VCL is the peak voltage at Ipp and VBR is the breakdown voltage of the TRANSIL measured at a
low level of current (1mA)
There are two distinct cases:
– tp lower than 1 ms
– tp higher than 1 ms
a) rd (tp) with tp < 1 ms
In the data sheet VCL max is specified at tp = 20 µs and 1 ms.
We can thus estimate rd20µs and rd1ms with the following formula:
(1)
(2)
For tp between 20 ms and 1ms we can calculate rd (tp) as:
(3)
with rd in ohms and tp in µs.
rd
20
µs
V
CLmax 20 µs
() V
–
BRnom
I
pp 20µ s
()
---------------------------------------------------------------
=
rd
1ms
V
CLmax 1ms
() V
–
BRnom
I
pp 1ms
()
-------------------------------------------------------------
=
rd tp
()
rd
1m s rd
–
20
µs
980
--------------------------------- tp
20
–
[] rd
20
µs
+
=


Similar Part No. - AN575

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN575 SILABS-AN575 Datasheet
1Mb / 8P
INTRODUCTION TO FPGA-BASED ADPLLS
logo
List of Unclassifed Man...
AN5750 ETC1-AN5750 Datasheet
72Kb / 3P
AN5750
logo
Panasonic Semiconductor
AN5753 PANASONIC-AN5753 Datasheet
54Kb / 2P
Horizontal Defiection-Signal Processing IC for B/W TV
logo
List of Unclassifed Man...
AN5753 ETC2-AN5753 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5757S PANASONIC-AN5757S Datasheet
72Kb / 8P
CRT horizontal deflection voltage control IC
More results

Similar Description - AN575

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
logo
Fairchild Semiconductor
AN-9050 FAIRCHILD-AN-9050 Datasheet
229Kb / 7P
Power Loss Calculation
logo
STMicroelectronics
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
AN604 STMICROELECTRONICS-AN604 Datasheet
151Kb / 12P
Calculation of conduction losses in a power rectifier
24-Aug-2011
AN4021 STMICROELECTRONICS-AN4021 Datasheet
126Kb / 10P
Calculation of reverse losses in a power diode
26-Apr-2012
STM32F048C6 STMICROELECTRONICS-STM32F048C6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
STM32F078CB STMICROELECTRONICS-STM32F078CB Datasheet
1Mb / 120P
CRC calculation unit
10-Jan-2017
STM32F302XD STMICROELECTRONICS-STM32F302XD Datasheet
2Mb / 168P
CRC calculation unit
October 2016 Rev 4
STM32F328C8 STMICROELECTRONICS-STM32F328C8 Datasheet
1Mb / 109P
CRC calculation unit
January 2015 Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com