Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN579 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN579
Description  PROTECTION CONCEPTS IN TELECOMMUNICATIONS EQUIPMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN579 Datasheet(HTML) 1 Page - STMicroelectronics

  AN579 Datasheet HTML 1Page - STMicroelectronics AN579 Datasheet HTML 2Page - STMicroelectronics AN579 Datasheet HTML 3Page - STMicroelectronics AN579 Datasheet HTML 4Page - STMicroelectronics AN579 Datasheet HTML 5Page - STMicroelectronics AN579 Datasheet HTML 6Page - STMicroelectronics AN579 Datasheet HTML 7Page - STMicroelectronics AN579 Datasheet HTML 8Page - STMicroelectronics AN579 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
AN579
APPLICATION NOTE
PROTECTION CONCEPTS IN TELECOMMUNICATIONS
EQUIPMENT
REV. D2A - 3591
INTRODUCTION
The goal of a telecommunication network (see Figure 1) is to permit data exchange (speech or digital) be-
tween two or more subscribers.
The network is made up of different parts which are subject to various disturbances.
The most susceptible elements are the lines, due to their length and their geographical location.
Disturbances strike the lines and are then propagated to the extremities of the lines at which lie telephone
sets and the subscriber line interface cards (SLIC).
So the lines receive two kinds of overvoltages:
– Surges of short duration with high peak voltage value (a few hundred micro-seconds for a few thousand
volts). These are generated by atmospheric phenomena.
– Surges of long duration with medium voltage value (greater than one second for a few hundred volts
RMS) which are due to the mains AC power networks.
The purpose of this application note is to analyse these two kinds of overvoltages.
Figure 1. Classical telecommunication network topology
OVERVOLTAGES ACROSS TELECOMMUNICATION LINES:
Atmospheric effects:
Lightning phenomena are the most common surge causes. They are mainly due to a voltage difference
between the ground and the clouds (a few 100 kV). Two kinds of strikes may occur:
1. Negative discharge with a peak current of 50kA, rise time of 10µs to 15µs and 100µs duration.
2. Positive discharge with a peak value of 150kA, rise time between 20µs and 50µs and a duration
between 100ms and 200ms.
The lightning effect appears on the lines in two ways.
– Direct shock.
– Induced shock.
MODEM
PABX
EXCHANGE
EXCHANGE
PABX
MODEM


Similar Part No. - AN579

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN5790 ETC2-AN5790 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5790N PANASONIC-AN5790N Datasheet
41Kb / 4P
Horizontal Signal Processing ICs for CRT Display
AN5791 PANASONIC-AN5791 Datasheet
70Kb / 3P
PHASE SHIFT CIRCUIT FOR CRT DISPLAYS
AN5792 PANASONIC-AN5792 Datasheet
41Kb / 4P
Horizontal Signal Processing ICs for CRT Display
AN5795NK PANASONIC-AN5795NK Datasheet
204Kb / 3P
Deflection Signal Processing IC for CRT
More results

Similar Description - AN579

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
TELECOM EQUIPMENT PROTECTION TRISIL
Sep-2003
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL
Nov-2002
logo
Toshiba Semiconductor
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
logo
EPCOS
B59012B1080A151 EPCOS-B59012B1080A151 Datasheet
276Kb / 4P
Overcurrent protection in telecom equipment
logo
Toshiba Semiconductor
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
logo
Littelfuse
P0300EAL LITTELFUSE-P0300EAL Datasheet
173Kb / 3P
TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
Toshiba Semiconductor
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
logo
STMicroelectronics
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com