Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1220 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1220 Datasheet HTML 2Page - STMicroelectronics AN1220 Datasheet HTML 3Page - STMicroelectronics AN1220 Datasheet HTML 4Page - STMicroelectronics AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics AN1220 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
6/13
5. Failure Status
The CLP270M has an internal feature that allows
the user to get a Failure Status (FS) indication.
When the CLP270M is short-circuiting the line to
GND, a signal can be managed through pin 1. This
signal can be used to turn a LED on in order to
provide a surge indication. It may also be used with
a
logic
circuitry
to
count
the
number
of
disturbances appearing on the lines.
If a surge exceeding the maximum ratings of the
CLP270M occurs on the line, the device will fail in a
short-circuit state.
CLP270M
Rsense
Rsense
1
FAILURE
+12V
1k
STATUS
Fig. 8: Failure Status circuit and diagnostic.
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
20
50
100
200
500
1 000
2 000
5 000
t (ms)
Fig. 9 : Operation limits and destruction zone of
the CLP270M.
1. BELLCORE GR-1089-CORE requirements:
Tables 1 and 2 summarize the lighting surges required by the bellcore 1089.
Tables 1 to 6 summarize the surge needs defined by Bellcore regarding both lightning and AC power fault.
In case of first level test, the equipment under test shall be operating after the surge. For the second level
tests, the equipment under test may be damaged, but no fire or electrical safety hazard may occur.
CLP270M TEST RESULTS ACCORDING TO BELLCORE 1089 REQUIREMENTS
The figure 9 shows two different curves :
n
The
lower
one
indicates
the
maximum
guaranted working limits of the CLP270M.
The upper curve shows the limit above which the
CLP270M is completely destructed . In this case,
the Fail Diagnostic pin is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com