Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2266 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2266
Description  SLIC based system protection for European and Asian markets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2266 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2266 Datasheet HTML 6Page - STMicroelectronics AN2266 Datasheet HTML 7Page - STMicroelectronics AN2266 Datasheet HTML 8Page - STMicroelectronics AN2266 Datasheet HTML 9Page - STMicroelectronics AN2266 Datasheet HTML 10Page - STMicroelectronics AN2266 Datasheet HTML 11Page - STMicroelectronics AN2266 Datasheet HTML 12Page - STMicroelectronics AN2266 Datasheet HTML 13Page - STMicroelectronics AN2266 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Long line protection
AN2266
10/16
DocID11830 Rev 2
Figure 13. LCP1521S behavior during 600 Vrms, 600 Ω, 0.2 s metallic (on TIP) power
induction test
Figure 13 shows the voltage across the TIP pin of LCP1521S and current through it when
subjected to a 600 Vrms, 600 Ω, 0.2 s ITU-T K20 power induction test, the gate voltage (-
Vbat) is also monitored. The voltage trip at the TIP pin is between +1 V and the battery
voltage (-48 V).
The LCP1521S and the PTC still continue to operate properly after the test in accordance
with the K20 A criterion.
Figure 14. LCP1521S behavior during 230 Vrms, 10 Ω, 15 min. metallic (on TIP) power
contact test
For power contact tests, except the one with 1000
Ω resistor, the PTC heats up and then its
resistor value increases drastically, which gives a very low gate current that becomes lower
than the gate triggering current of the LCP1521S: hence, from this moment, the LCP1521S
doesn't fire anymore, but it only clamps. Figure 14 shows the voltage across the TIP pin of
LCP1521S and current through it when subjected to a 230 Vrms, 10 Ω,15 min. ITU-T K20
power contact test, the gate voltage (-Vbat) is also monitored. The voltage trip at the TIP pin
is between +1 V and the battery voltage (-48 V).
The LCP1521S and the PTC still continue to operate properly after the test in accordance
with the K20 A criterion, while this test, with 10
Ω, requires only the K20 B criterion.
I surge: 0.5A
/div
V Tip: 20V/div
-Vbat: 20V/div
0
I surge: 5A /div
V Tip: 20V/div
-Vbat: 20V/div
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com