Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2626 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2626
Description  MOSFET body diode recovery mechanism in a phase-shifted
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2626 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2626 Datasheet HTML 5Page - STMicroelectronics AN2626 Datasheet HTML 6Page - STMicroelectronics AN2626 Datasheet HTML 7Page - STMicroelectronics AN2626 Datasheet HTML 8Page - STMicroelectronics AN2626 Datasheet HTML 9Page - STMicroelectronics AN2626 Datasheet HTML 10Page - STMicroelectronics AN2626 Datasheet HTML 11Page - STMicroelectronics AN2626 Datasheet HTML 12Page - STMicroelectronics AN2626 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Observations
AN2626
10/13
3
Observations
Choosing to use fast diode technology MOSFETs is a good choice. STMicroelectronics has
developed the new Fast diode MD mesh generation that shows excellent performance in
these types of topologies. These device families guarantee operation in safe conditions, so
far from the triggering on of the parasitic bipolar, so that they are very suitable for the full
bridge phase-shift ZVS topologies.
In order to understand these advantages we have compared a standard MOSFET versus a
FD MOSFET.
The FD technology device has a lower Qrr than the standard device; meaning that when the
diode is reverse biased by the drop voltage on the channel MOSFET, very low in low load
condition, it will be faster to complete the recovery and so when it will highly reverse biased
by the turn on of the switch in the its same leg it will work in a much more safe condition in
term of dv/dt stress (see Figure 8).
Figure 8.
Comparison between standard and fast diode technology
As you can see the ST fast diode technology MOSFET works better, keeping the overall
system in a more safe condition.
Table 1.
Measured dynamic electrical parameters of the devices compared
Device
Irm
Trr
Qrr
(Di/Dt=100A µs, Isd=20 A, Vdd=100 V, Tj=25°C)
(A)
(nS)
(µC)
Standard STW20NM60
25
390
5
Fast diode
STW20NM60FD
16
240
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com