Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2846 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2846 Datasheet HTML 1Page - STMicroelectronics AN2846 Datasheet HTML 2Page - STMicroelectronics AN2846 Datasheet HTML 3Page - STMicroelectronics AN2846 Datasheet HTML 4Page - STMicroelectronics AN2846 Datasheet HTML 5Page - STMicroelectronics AN2846 Datasheet HTML 6Page - STMicroelectronics AN2846 Datasheet HTML 7Page - STMicroelectronics AN2846 Datasheet HTML 8Page - STMicroelectronics AN2846 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AN2846
Application guidelines
Doc ID 15130 Rev 1
5/35
The SCLT3-8 has been designed to run with SPI protocol CPHA = 0 and CPOL = 0. The frame
format is 16 bits or 8 bits long according to SPM pin level. When SPM is grounded, 16 bits
are transmitted - 8 input data bits and 8 control bits. When SPM is connected to VDD only
the 8 input data bits are transmitted.
Table 1 defines the significance of the16 bits. Bit 15 is the most significant bit. Detailed SPI
functionality is described in Section 1.4.
1.2
Current-limited inputs
1.2.1
Maximum input current setting
All internal bias currents sources and particularly the input current limiter are defined by the
reference resistor connected to pin REF. A 15 k
Ω resistor will assure a typical input limited
current of 2.35 mA (see Figure 2). The typical limited input current ILIM is given by the
formula:
Figure 2.
Current limiter diagram
The technology used allows a very low current dispersion according to the different
channels (less than 10%). The reference voltage VBG is also compensated over the junction
temperature range from -25 °C to 150 °C enabling a good stability of the limited current (see
Figure 3).
Table 1.
16-bit frame definition
Data bits
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit09
Bit08
IN8
IN7
IN6
IN5
IN4
IN3
IN2
IN1
Control Bits
Bit07
Bit06
Bit05
Bit04
Bit03
Bit02
Bit01
Bit00
/UVA
/OTA
PC1
PC2
PC3
PC4
0
1
()
V
k
R
V
I
REF
BG
LIM
25
.
1
V
cal
with typi
5
.
1
30
BG =
+
·
=
LED_ON
1 : 20
R
REF =15k
REF
2
:
3
1 : 1
1.5k
LED
I
LIM
COMs
V
BG=1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com