Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3400 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3400
Description  Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3400 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3400 Datasheet HTML 9Page - STMicroelectronics AN3400 Datasheet HTML 10Page - STMicroelectronics AN3400 Datasheet HTML 11Page - STMicroelectronics AN3400 Datasheet HTML 12Page - STMicroelectronics AN3400 Datasheet HTML 13Page - STMicroelectronics AN3400 Datasheet HTML 14Page - STMicroelectronics AN3400 Datasheet HTML 15Page - STMicroelectronics AN3400 Datasheet HTML 16Page - STMicroelectronics AN3400 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
AN3400
Principle of self-oscillating operation
Doc ID 018840 Rev 1
13/78
Figure 5.
Steady-state waveforms: filter capacitor voltage signal (V(t)),
NPN base-emitter voltage (VBEnpn) and PNP emitter-base voltage(VEBpnp)
Figure 6.
Steady-state waveforms: filter capacitor voltage signal (V(t)), NPN base
series capacitor voltage (VCnpn) and PNP base series capacitor voltage
(VCpnp)
In Figure 2 the filter capacitor voltage V(t) and the base currents Ibnpn and Ibpnp of the two
bipolars during a period of the voltage signal filtered are shown. Two different signal
thresholds fix respectively the turn-on and turn-off instants of the devices during their
working operation period. In particular, in the previous figure it is evident that, starting from
the driving source voltage, the turn-on of the NPN transistor is possible only when the V(t) is
higher than the VCnpnon-char+VBEsatnpn value and similarly the turn-on of the PNP transistor
is possible only when the V(t) is lower than the -VCpnpon-char-VEBsatpnp value. On the
contrary, the turn-off of the NPN transistor is possible only when the V(t) is lower than the
VCnpnon-dischar+VBEsatnpn value and, similarly, the turn-off of the PNP transistor is possible
only when the V(t) is higher than the -VCpnpon-dischar-VEBsatpnp value.
Figure 3 shows the filter capacitor voltage V(t) and the collector currents ICnpn and ICpnp of
the two bipolars during a period of the voltage signal filtered. It can be seen as the collector
currents pass through the zero value at the end of the re-circulating phases in which the
whole residual external demagnetization current, imposed by the load inductor, has
AM09796v1
AM09797v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com