Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4138 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4138
Description  This application note presents the HSP061-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4138 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4138 Datasheet HTML 1Page - STMicroelectronics AN4138 Datasheet HTML 2Page - STMicroelectronics AN4138 Datasheet HTML 3Page - STMicroelectronics AN4138 Datasheet HTML 4Page - STMicroelectronics AN4138 Datasheet HTML 5Page - STMicroelectronics AN4138 Datasheet HTML 6Page - STMicroelectronics AN4138 Datasheet HTML 7Page - STMicroelectronics AN4138 Datasheet HTML 8Page - STMicroelectronics AN4138 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AN4138
Characteristics related to HDMI 1.4
Doc ID 023404 Rev 1
3/9
2
Characteristics related to HDMI 1.4
Protection bandwidth must be large enough to be transparent when a high bit rate is
transferred on the line. The equation below give the relationship between lines, pixels, color
depth and bit rate per channel:
HDMI standard give a minimum rise time of 75 ps between 20% and 80%. Considering a
constant slope, this is equal to 100 ps between 10% and 90%.
In order to be transparent, the ESD protection must have a bandwidth in accordance with a
rise time of 100 ps.
Usually, the relations between bandwidth and rise time is defined by the following formula:
tr = 100 ps gives a BW = 3.2 GHz.
Figure 5 shows the cut-off frequency of the HSP061-2N4 is 6 GHz which is high enough to
correctly manage HDMI signals.
Figure 5.
S21 attenuation measurement
Table 1.
Sample characteristics
CEA video
code
Video format
Horizontal
total pixel
per line
Vertical
total lines
per frame
Frame
rate (Hz)
Color
depth
(bits)
HDMI
data rate
(Gbps)
Lane
data rate
(Gbps)
16
1920 x 1080p
2200
1125
60
24
4.46
1.49
30
5.57
1.86
36
6.68
2.23
48
8.91
2.97
Lane data rate = (H_total_pixels) × (V_total_lines) ×
⎛⎞
Color_depth
⎜
⎜
⎝
⎠
3
× (Frame_rate) ×
10
8
BW = 1 / (PI × tr)
300k
1M
3M
10M
30M
100M 300M
1G
3G
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
IO1
IO2
S21 (dB)
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com