Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4191 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4191
Description  This report shows the analysis performed on Power MOSFET devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4191 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4191 Datasheet HTML 5Page - STMicroelectronics AN4191 Datasheet HTML 6Page - STMicroelectronics AN4191 Datasheet HTML 7Page - STMicroelectronics AN4191 Datasheet HTML 8Page - STMicroelectronics AN4191 Datasheet HTML 9Page - STMicroelectronics AN4191 Datasheet HTML 10Page - STMicroelectronics AN4191 Datasheet HTML 11Page - STMicroelectronics AN4191 Datasheet HTML 12Page - STMicroelectronics AN4191 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN4191
Rg impact evaluation by UIS test
Doc ID 023815 Rev 1
9/20
The image shows the electrical connection between the driver and D.U.T. and the current
flowing during switching-on and off.
The “Driver” is composed of two Power MOSFETs in push-pull configuration. The D.U.T.
turn-on is achieved when a positive gate-source voltage (VGS = VS) is applied to the gate,
switching on the upper MOSFET; and vice-versa, the D.U.T. turns off when the lower
MOSFET of the driver is in ON state, pulling down the D.U.T. gate to GND.
The red arrows show the current path charging internal capacitances when D.U.T. is turned
on, and discharging capacitances when it is turned off. The image points out the internal Rg
resistance and Cgs capacitance, since Ton and Toff are affected by those values. Ton and Toff
represent times to complete the D.U.T. turn-on and turn-off.
The combination of Rg and Cgs is a simple RC circuit whose constant time τ =RC affects
charge and discharge time. There are also other parameters that contribute to the turn-
on/off of D.U.T. but it is important to underline that Rg is a key factor. In this case, with
inductive load, the power dissipated by the device with higher Rg is bigger than the standard
Rg device one because the switching slowdown, especially at turn-off, produces an
additional current increase, due to the fact that the device remains on slightly longer, even if
the gate-source voltage is already low.
A similar behavior may be obtained adding an external Rg resistor to a standard device. By
inserting an external resistor of 50
Ω, we have the following waveform:
Figure 7.
High Rg switching waveforms (with 50
Ω additional external resistor)
The curve shows that the external Rg enlarges switching times and the main effect appears
at turn-off. In fact, the Vgs is down and the current increases itself for an additional 1.6 µs.
AM16414V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com