Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4275 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4275
Description  The objective of this document is to briefly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4275 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4275 Datasheet HTML 1Page - STMicroelectronics AN4275 Datasheet HTML 2Page - STMicroelectronics AN4275 Datasheet HTML 3Page - STMicroelectronics AN4275 Datasheet HTML 4Page - STMicroelectronics AN4275 Datasheet HTML 5Page - STMicroelectronics AN4275 Datasheet HTML 6Page - STMicroelectronics AN4275 Datasheet HTML 7Page - STMicroelectronics AN4275 Datasheet HTML 8Page - STMicroelectronics AN4275 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID024389 Rev 1
5/11
AN4275
IEC 61000-4-5 definition
Test schematics are shown in Figure 4 and Figure 5.
Figure 4. Differential mode test set-up
Figure 5. Common mode test set-up
Table 2. Maximum peak current values depending on voltage level and Rext
Class 0
Class 1
Class 2
Class 3
Class 4
25 V
500 V
1 kV
2 kV
4 kV
Req = 42
0.6 A
12 A
24 A
48 A
96 A
Req = 12
2.1 A
42 A
84 A
167 A
334 A
Req = 2
12.5 A
250 A
500 A
1000 A
2000 A
L
N
PE
Decoupling network
Combination
wave generator
AC (DC)
power supply network
Rext = 0 Ω
Equipment
under test
L
N
PE
Rext = 10 Ω
Decoupling network
Combination
wave generator
AC (DC)
power supply network
Equipment
under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com