Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4626 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4626
Description  The VL6180X module combines a proximity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4626 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4626 Datasheet HTML 1Page - STMicroelectronics AN4626 Datasheet HTML 2Page - STMicroelectronics AN4626 Datasheet HTML 3Page - STMicroelectronics AN4626 Datasheet HTML 4Page - STMicroelectronics AN4626 Datasheet HTML 5Page - STMicroelectronics AN4626 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Conclusion
AN4626
4/6
DocID027194 Rev 1
Figure 5. Measurement on a black target (3% reflectance)
Conclusion
Over the temperature range -30°C to +85°C, VL6180X reports a distance measurement
varying linearly with the temperature and with a constant offset.
In a system submitted to a large variation of temperature and having the temperature
information, the VL6180X behavior allows the user to develop a simple algorithm to
compensate this offset in temperature..
0
10
20
30
40
50
60
70
80
90
100
110
0
102030405060708090
100
110
Distance in mm
3% reflectance
85°C
70°C
60°C
23°C
-10°C
-20°C
-30°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com