Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4647 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4647
Description  Circuit breaker with transient voltage suppression based
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4647 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4647 Datasheet HTML 1Page - STMicroelectronics AN4647 Datasheet HTML 2Page - STMicroelectronics AN4647 Datasheet HTML 3Page - STMicroelectronics AN4647 Datasheet HTML 4Page - STMicroelectronics AN4647 Datasheet HTML 5Page - STMicroelectronics AN4647 Datasheet HTML 6Page - STMicroelectronics AN4647 Datasheet HTML 7Page - STMicroelectronics AN4647 Datasheet HTML 8Page - STMicroelectronics AN4647 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
USB grid charger
AN4647
4/9
DocID027372 Rev 1
2
USB grid charger
To measure inrush current in fuse, a commercial grid USB charger is used.
Following severe conditions are applied:
•
100 000 inrush surges (50 plug-in by day during 5 years)
•
Ambient temperature = -30, 25°C and 85°C
Figure 2 shows the experimental setup used to measure inrush current with a grid charger.
Figure 2. Grid charger experimental setup
The grid charger is connected between Vbus and GND of the characterization board.
To charge Cload, the current flows through the CBTVS2Axx-1F3 and oscilloscope current
probe measures it. A voltage probe measures voltage at Cload edge.
With MOS2 open, switching on MOS1 connects charger to CBTVS2Axx-1F3 and Cload.
Figure 3 shows a measurement of inrush current with Cload = 22 µF and 85 °C.
Figure 3. Inrush current measurement example with grid charger (Cload = 22 µF / 85°C)
It presents 5.6 A maximum and 12.5 µs width. A small oscillation is present due to the LC
circuit formed by cable inductances and Cload capacitor. When load voltage is stabilized at 5
V, inrush current is at 0 A.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com