Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0352 Datasheet(PDF) 52 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 48Page - STMicroelectronics RM0352 Datasheet HTML 49Page - STMicroelectronics RM0352 Datasheet HTML 50Page - STMicroelectronics RM0352 Datasheet HTML 51Page - STMicroelectronics RM0352 Datasheet HTML 52Page - STMicroelectronics RM0352 Datasheet HTML 53Page - STMicroelectronics RM0352 Datasheet HTML 54Page - STMicroelectronics RM0352 Datasheet HTML 55Page - STMicroelectronics RM0352 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
ARM© dual timer module (SP804)
RM0352
52/138
DocID024647 Rev 1
TIMCLK equals PCLK and TIMCLKENX equals one
Figure 7 shows the case where TIMCLK is identical to PCLK and TIMCLKENX is
permanently enabled. In this case, the counter is decremented on every TIMCLK edge.
Figure 7. TIMCLK equals PCLK and TIMCLKENX equals one, clock example
TIMCLK is less than PCLK and TIMCLKENX equals one
Figure 8 shows the case where TIMCLK frequency is a submultiple of the PCLK frequency
but the rising edges of TIMCLK are synchronous and balanced with PCLK edges.
TIMCLKENX is permanently enabled. In this case, the counter is decremented on every
TIMCLK rising edge.
Figure 8. TIMCLK is less than PCLK and TIMCLKENX equals one, clock example
Prescaler operation
The prescaler generates a timer clock enable that is used to enable the decrementing of the
timer counter at one of the following rates:
The effective timer clock rate where TIMCLK is qualified by TIMCLKENX
The effective timer clock rate divided by 16
The effective timer clock rate divided by 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com