Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1069-6 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1069-6
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1069-6 Datasheet HTML 2Page - Linear Technology LTC1069-6 Datasheet HTML 3Page - Linear Technology LTC1069-6 Datasheet HTML 4Page - Linear Technology LTC1069-6 Datasheet HTML 5Page - Linear Technology LTC1069-6 Datasheet HTML 6Page - Linear Technology LTC1069-6 Datasheet HTML 7Page - Linear Technology LTC1069-6 Datasheet HTML 8Page - Linear Technology LTC1069-6 Datasheet HTML 9Page - Linear Technology LTC1069-6 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LTC1069-6
6
10696fa
PIN FUNCTIONS
for single supply operation, the internal biasing of Pin 1
allows optimum output swing. The AGND pin should be
buffered if used to bias other ICs. Figure 2 shows the
connections for single supply operation.
AGND
V+
V+
NC
VIN
VIN
VOUT
VOUT
V–
1
2
3
4
8
7
6
5
1k
NC
CLK
LTC1069-6
ANALOG GROUND PLANE
DIGITAL
GROUND
PLANE
0.47μF
0.1μF
1069-6 F02
CLOCK
SOURCE
STAR
SYSTEM
GROUND
V +, V– (Pins 2, 7): Power Supply Pins. The V+ (Pin 2)
and the V– (Pin 7, if used) should be bypassed with a
0.1μF capacitor to an adequate analog ground. The filter’s
power supplies should be isolated from other digital or
high voltage analog supplies. A low noise linear supply is
recommended. Switching power supplies will lower the
signal-to-noise ratio of the filter. Unlike previous monolithic
filters, the power supplies can be applied in any order, that
is, the positive supply can be applied before the negative
supply and vice versa. Figure 3 shows the connection for
dual supply operation.
AGND
V+
V+
NC
VIN
VIN
VOUT
VOUT
V–
V–
1
2
3
4
8
7
6
5
1k
NC
CLK
LTC1069-6
ANALOG GROUND PLANE
DIGITAL
GROUND
PLANE
STAR
SYSTEM
GROUND
0.1μF
0.1μF
1069-6 F03
CLOCK
SOURCE
Figure 2. Connections for Single Supply Operation
Figure 3. Connections for Dual Supply Operation
NC (Pins 3, 6): No Connection. Pins 3 and 6 are not
connected to any internal circuitry; they should be tied
to ground.
VIN (Pin 4): Filter Input Pin. The Filter Input pin is internally
connected to the inverting input of an op amp through a
50k resistor.
CLK (Pin 5): Clock Input Pin. Any TTL or CMOS clock
source with a square wave output and 50% duty cycle
(±10%) is an adequate clock source for the device. The
power supply for the clock source should not necessarily
be the filter’s power supply. The analog ground of the filter
should be connected to the clock’s ground at a single
point only. Table 1 shows the clock’s low and high level
threshold value for a dual or single supply operation. A
pulse generator can be used as a clock source provided
the high level ON time is greater than 0.42μs (VS = ±5V).
Sine waves less than 100kHz are not recommended for
clock frequencies because, excessive slow clock rise or
fall times generate internal clock jitter. The maximum clock
rise or fall time is 1μs. The clock signal should be routed
from the right side of the IC package to avoid coupling
into any input or output analog signal path. A 1k resistor
between the clock source and the Clock Input (Pin 5) will
slow down the rise and fall times of the clock to further
reduce charge coupling (Figure 1).
Table 1. Clock Source High and Low Thresholds
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply = ±5V
1.5V
0.5V
Single Supply = 10V
6.5V
5.5V
Single Supply = 5V
1.5V
0.5V
Single Supply = 3.3V
1.2V
0.5V
VOUT (Pin 8): Filter Output Pin. Pin 8 is the output of the
filter, and it can source 8mA or sink 1mA. The total harmonic
distortion of the filter will degrade when driving coaxial
cables or loads less than 20k without an output buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com