Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1037 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TN1037
Description  nano mounting instructions and heatsink
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1037 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TN1037 Datasheet HTML 6Page - STMicroelectronics TN1037 Datasheet HTML 7Page - STMicroelectronics TN1037 Datasheet HTML 8Page - STMicroelectronics TN1037 Datasheet HTML 9Page - STMicroelectronics TN1037 Datasheet HTML 10Page - STMicroelectronics TN1037 Datasheet HTML 11Page - STMicroelectronics TN1037 Datasheet HTML 12Page - STMicroelectronics TN1037 Datasheet HTML 13Page - STMicroelectronics TN1037 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Cooling techniques and heatsink mounting proposals
TN1037
10/24
DocID024655 Rev 3
Figure 10. Large heatsink pasted on the package
In order to ensure safe working conditions, as previously stated in
Section 1.3: Safe
distances, the adhesive foil or the thermal rubber must be placed to improve electrical
isolation and therefore must be properly sized in order to increase the creepage and
clearance distances.
2.3
Heatsink bonded on the PCB by mounting screws
The heatsink can be also bonded on the package and fixed on the PCB using one or two
mounting screws (
Figure 11), ensuring a firmer assembly process. The use of this heatsink
with dedicated form factor prevents any possible stress on the leads of SLLIMM-nano and
the PCB soldering pads. This technique requires the use of a thermal pad between the
heatsink and the topside of the SLLIMM-nano in order to ensure the creepage distance. A
safe distance between the shorter side of the device (where some trimmed terminations are
placed) and the heatsink must be guaranteed in order to ensure clearance. The two screws
option is preferred in order to improve mechanical stability and reliability of the system. Any
mismatch in thickness between the SLLIMM-nano and the heatsink can be resolved by
using a thin insulated spacer between the device and the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com