Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5010 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5010
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5010 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5010_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC5010_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5010_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5010_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5010_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5010_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5010_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC5010_15 Datasheet HTML 10Page - Renesas Technology Corp 2SC5010_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2SC5010
5
S-PARAMETER
VCE = 3 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.735
–18.7
15.465
157.7
.017
78.5
.931
–15.0
200.00
.640
–37.8
14.330
142.1
.030
69.7
.810
–25.9
300.00
.534
–55.7
13.115
129.2
.040
66.3
.700
–32.4
400.00
.438
–71.4
11.574
118.3
.048
64.5
.612
–36.2
500.00
.364
–84.9
10.235
109.9
.057
63.7
.547
–38.2
600.00
.311
–96.6
8.943
103.1
.064
63.3
.499
–39.4
700.00
.268
–107.0
7.935
97.7
.072
62.8
.461
–40.4
800.00
.241
–116.9
7.105
92.7
.080
62.7
.430
–40.9
900.00
.218
–126.4
6.425
88.7
.088
62.6
.405
–41.7
1000.00
.204
–135.9
5.864
84.8
.095
62.0
.386
–42.2
1100.00
.192
–144.5
5.397
81.4
.103
61.0
.370
–42.8
1200.00
.186
–153.7
4.992
78.1
.111
60.9
.354
–43.6
1300.00
.183
–161.8
4.628
75.1
.119
60.5
.341
–44.5
1400.00
.184
–169.5
4.348
72.3
.127
59.4
.328
–45.4
1500.00
.185
–176.7
4.072
69.2
.134
58.4
.317
–46.8
1600.00
.189
176.4
3.851
66.6
.142
57.7
.305
–48.0
1700.00
.196
169.9
3.643
63.8
.151
56.9
.294
–49.1
1800.00
.201
164.8
3.457
61.3
.158
55.9
.285
–50.6
1900.00
.208
159.7
3.311
59.0
.166
55.1
.271
–52.2
2000.00
.219
155.1
3.156
56.6
.176
53.7
.261
–54.0
2100.00
.228
150.6
3.024
54.1
.183
52.3
.249
–55.6
2200.00
.239
147.1
2.904
51.5
.190
51.4
.239
–57.7
2300.00
.248
143.3
2.790
49.3
.199
50.3
.229
–59.8
2400.00
.259
139.9
2.685
46.8
.207
49.0
.218
–62.0
2500.00
.270
136.9
2.593
44.7
.215
47.9
.206
–64.6
2600.00
.281
133.7
2.511
42.2
.223
46.4
.197
–67.1
2700.00
.293
131.6
2.425
40.2
.230
45.5
.185
–70.1
2800.00
.305
128.7
2.354
37.9
.237
43.9
.174
–73.8
2900.00
.316
126.3
2.283
35.6
.246
43.0
.162
–77.0
3000.00
.329
124.5
2.220
33.5
.253
41.5
.151
–81.1
VCE = 3 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.855
–14.2
10.699
164.8
.019
80.2
.968
–10.6
200.00
.787
–28.4
10.334
151.4
.035
73.3
.902
–19.8
300.00
.715
–41.9
9.924
140.1
.048
68.5
.825
–27.0
400.00
.631
–54.9
9.183
130.2
.059
63.4
.743
–32.5
500.00
.561
–66.5
8.559
121.7
.068
60.9
.678
–36.5
600.00
.495
–77.0
7.749
113.9
.077
58.8
.621
–39.4
700.00
.434
–86.4
7.090
107.6
.084
57.5
.572
–41.9
800.00
.387
–95.8
6.490
101.5
.092
56.4
.531
–43.4
900.00
.346
–104.1
5.972
96.6
.099
55.5
.496
–45.1
1000.00
.313
–113.2
5.531
91.8
.105
55.0
.467
–46.4
1100.00
.287
–121.1
5.117
87.8
.113
54.3
.442
–47.3
1200.00
.266
–129.5
4.767
83.8
.119
54.0
.420
–48.4
1300.00
.251
–137.5
4.442
80.3
.126
53.3
.399
–49.7
1400.00
.242
–145.6
4.192
77.1
.133
52.8
.381
–50.5
1500.00
.232
–153.7
3.936
73.7
.140
52.3
.364
–51.9
1600.00
.228
–161.2
3.730
70.7
.147
51.7
.349
–53.1
1700.00
.227
–169.2
3.537
67.6
.155
50.8
.336
–54.4
1800.00
.226
–176.4
3.355
64.9
.161
50.1
.321
–55.8
1900.00
.230
177.5
3.210
62.1
.169
49.6
.307
–57.3
2000.00
.236
170.8
3.066
59.5
.177
48.7
.296
–59.0
2100.00
.243
164.7
2.944
56.7
.183
47.7
.282
–60.6
2200.00
.250
159.6
2.825
54.0
.190
47.0
.269
–62.6
2300.00
.258
154.8
2.725
51.8
.198
46.0
.259
–64.6
2400.00
.267
150.0
2.623
49.1
.205
45.0
.247
–66.7
2500.00
.277
145.9
2.534
46.8
.212
44.0
.235
–68.8
2600.00
.288
141.7
2.455
44.2
.221
43.1
.225
–71.3
2700.00
.300
138.8
2.370
41.9
.228
42.0
.211
–73.9
2800.00
.312
135.3
2.305
39.5
.234
41.0
.200
–77.3
2900.00
.321
132.0
2.230
37.1
.243
40.0
.189
–80.7
3000.00
.335
129.5
2.172
34.9
.250
38.7
.179
–84.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com