Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5015 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5015
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD (18)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5015 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5015_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC5015_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC5015_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC5015_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5015_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5015_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5015_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5015_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5015_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON RF TRANSISTOR
2SC5015
NPN EPITAXIAL SILICON RF TRANSISTOR
FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
4-PIN SUPER MINIMOLD (18)
Document No. PU10403EJ01V0DS (1st edition)
(Previous No. P10394EJ2V0DS00)
Date Published June 2003 CP(K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
©
©
©
© NEC Compound Semiconductor Devices 1993, 2003
FEATURES
• High fT: fT = 12 GHz TYP. @ VCE = 3 V, IC = 10 mA, f = 2 GHz
• Low noise and high gain
• Low voltage operation
• 4-pin super minimold (18) package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5015
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5015-T1
3 kpcs/reel
• Pin 3 (Base), Pin 4 (Emitter) face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
Ptot
150
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com