Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4POSTRAILKIT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # 4POSTRAILKIT
Description  4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

4POSTRAILKIT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  4POSTRAILKIT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 4POSTRAILKIT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-Post Rack-Mount Installation Kit of select
Rack-Mount UPS Systems
MODEL NUMBER: 4POSTRAILKIT
Description
Tripp Lite's 4POSTRAILKIT adjustable rackmount shelf system supports heavy UPS systems in 4 post rackmount applications. Two included pairs of
expandable "L bracket" mounting rails offer front to rear support rackmount UPS systems. Pair of expandable "L brackets" adjust to any setting between 20.5
and 36 inches. Includes mounting hardware compatible with square-hole racks. Set of temporary placement pegs enables simple single-person installation by
allowing the rails to be held in place while attachment hardware is installed. Also compatible with other heavy pieces of networking or power protection
equipment with 17.5 inch wide rectangular chassis. Supports up to 250 lbs.
Features
Tripp Lite's 4POSTRAILKIT adjustable rackmount shelf system supports heavy UPS systems in 4 post rackmount applications
Two included pairs of expandable "L bracket" mounting rails offer front to rear support rackmount UPS systems
Pair of expandable "L brackets" adjust to any setting between 20.5 and 36 inches
Includes mounting hardware compatible with square-hole racks
Set of temporary placement pegs enables simple single-person installation by allowing the rails to be held in place while attachment hardware is installed
Also compatible with other heavy pieces of networking or power protection equipment with 17.5 inch wide rectangular chassis
Supports up to 250 lbs.
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
3.54 x 2.36 x 22
Shipping Dimensions (hwd / cm)
9 x 6 x 55.9
Shipping Weight (lbs.)
5.5
Shipping Weight (kg)
14.0
Highlights
Supports UPS systems in 4-post
rackmount applications
Adjustable to any setting
between 20.5 and 36 inches
Temporary placement pegs
simplifies single-person
installation
Square hole rack attachment
hardware included
Supports UPS chassis up to 250
lbs.
Package Includes
Pair of expandable L brackets
Attachment hardware
1 / 2


Similar Part No. - 4POSTRAILKIT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
4POSTRAILKITHD TRIPPLITE-4POSTRAILKITHD Datasheet
152Kb / 2P
SmartRack Mounting Rail Kit - enables 4-Post Rackmount Installation of select UPS Systems
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
More results

Similar Description - 4POSTRAILKIT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
2POSTRMKITHD TRIPPLITE-2POSTRMKITHD Datasheet
477Kb / 2P
2-Post Rack-Mount Installation Kit of 3U and Larger
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
Wall-Mount Bracket and Installation Accessories for select UPS Systems
logo
Cherry Semiconductor Co...
G84-4100 CHERRY-G84-4100 Datasheet
2Mb / 2P
Rack Mount Systems
logo
Tripp Lite. All Rights ...
BP24V28-2U TRIPPLITE-BP24V28-2U Datasheet
157Kb / 3P
External 24V 2U Rack-mount Battery Pack for select Tripp Lite UPS Systems
BP24V36-2US TRIPPLITE-BP24V36-2US Datasheet
162Kb / 3P
External 24V 2U Rack-Mount Battery Pack for select Tripp Lite UPS Systems
4POSTRAILSM TRIPPLITE-4POSTRAILSM Datasheet
162Kb / 2P
4-Post Rack-Mount Installation Kit for Select Rack-Mount UPS Systems, Side Mount
4POSTRAILKITHD TRIPPLITE-4POSTRAILKITHD Datasheet
152Kb / 2P
SmartRack Mounting Rail Kit - enables 4-Post Rackmount Installation of select UPS Systems
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com